Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG064T Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NESG064T
Description  TYPE GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESG064T Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NESG064T Datasheet HTML 1Page - NICHIA CORPORATION NESG064T Datasheet HTML 2Page - NICHIA CORPORATION NESG064T Datasheet HTML 3Page - NICHIA CORPORATION NESG064T Datasheet HTML 4Page - NICHIA CORPORATION NESG064T Datasheet HTML 5Page - NICHIA CORPORATION NESG064T Datasheet HTML 6Page - NICHIA CORPORATION NESG064T Datasheet HTML 7Page - NICHIA CORPORATION NESG064T Datasheet HTML 8Page - NICHIA CORPORATION NESG064T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
-2-
Nichia
STSE-CC6114A
<Cat.No.061006>
Color Ranks
(IF=20mA,Ta=25°C)
Rank G
Rank H
x
0.14
0.14
0.22
0.22
x
0.21
0.21
0.28
0.28
y
0.64
0.74
0.74
0.64
y
0.65
0.73
0.73
0.65
Color Coordinates Measurement allowance is ± 0.01.
One delivery will include up to two color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
Heat-Resistant Polymer
Encapsulating Resin
:
Silicone Resin (with Diffused)
Electrodes
:
Ag Plating
Copper Alloy
4.PACKAGING
· The LEDs are packed in cardboard boxes after taping.
Please refer to figure’s page.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
-
Year
( 5 for 2005,
6 for 2006 )
-
Month
( 1 for Jan.,
9 for Sep.,
A for Oct.,
B for Nov. )
-
Nichia's Product Number
-
Ranking by Color Coordinates
-
Ranking by Luminous Intensity


Similar Part No. - NESG064T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESG064T NICHIA-NESG064T_14 Datasheet
337Kb / 17P
   SPECIFICATIONS FOR GREEN LED
More results

Similar Description - NESG064T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSG017HT NICHIA-NHSG017HT Datasheet
295Kb / 13P
   TYPE GREEN LED
NECGB205T NICHIA-NECGB205T Datasheet
423Kb / 13P
   TYPE GREEN LED
NJSG107T NICHIA-NJSG107T Datasheet
599Kb / 17P
   TYPE GREEN LED
NECG426BT NICHIA-NECG426BT Datasheet
250Kb / 13P
   TYPE GREEN LED
NESG021T NICHIA-NESG021T Datasheet
476Kb / 13P
   TYPE GREEN LED
NESG426CT NICHIA-NESG426CT Datasheet
363Kb / 13P
   TYPE GREEN LED
NESG505CT NICHIA-NESG505CT Datasheet
551Kb / 13P
   TYPE GREEN LED
NHSG046T NICHIA-NHSG046T Datasheet
622Kb / 13P
   TYPE GREEN LED
NS6G083T NICHIA-NS6G083T Datasheet
385Kb / 14P
   TYPE GREEN LED
NSCG455AT NICHIA-NSCG455AT Datasheet
335Kb / 13P
   TYPE GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com