Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSR007AT Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSSR007AT
Description  TYPE RED LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSR007AT Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSSR007AT Datasheet HTML 5Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 6Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 7Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 8Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 9Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 10Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 11Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 12Page - NICHIA CORPORATION NSSR007AT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
Directivity
Radiation Angle
Spectrum
xx
0.67 0.68 0.69 0.70 0.71 0.72
0.34
0.33
0.32
0.31
0.30
0.29
50°C(622nm)
25°C(620nm)
0°C(618nm)
85°C(624nm)
-30°C(616nm)
IFP=20mA
450 500 550 600
700 750
650
1.2
1.0
0.8
0.4
0.2
0
0.6
626
624
622
620
616
614
618
-40
0
20
60
100
80
-20
40
IFP=20mA
10 20
50 100
15
626
622
620
614
624
618
616
Ta=25°C
Ambient Temperature vs.
Chromaticity Coordinate D)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
1.0
0.5
0
10° 20°
30°
40°
50°
60°
70°
80°
90°
30°
0.5
90°
60°
1.0
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
Wavelength
λ (nm)
Wavelength
λ (nm)
CHARACTERISTICS
Model
NSSR007A
NICHIA CORPORATION Title
No.
050930545761


Similar Part No. - NSSR007AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSR064T NICHIA-NSSR064T Datasheet
603Kb / 14P
   TYPE RED LED
More results

Similar Description - NSSR007AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCR426BT NICHIA-NSCR426BT Datasheet
281Kb / 13P
   TYPE RED LED
NSSR100BT NICHIA-NSSR100BT Datasheet
536Kb / 13P
   TYPE RED LED
NSSR064T NICHIA-NSSR064T Datasheet
603Kb / 14P
   TYPE RED LED
NFSR036CT NICHIA-NFSR036CT Datasheet
363Kb / 14P
   TYPE RED LED
NS6R083T NICHIA-NS6R083T Datasheet
382Kb / 14P
   TYPE RED LED
NESR505DT NICHIA-NESR505DT Datasheet
485Kb / 14P
   TYPE RED LED
NSSR426CT NICHIA-NSSR426CT Datasheet
536Kb / 13P
   TYPE RED LED
logo
LIGITEK electronics co....
L3URF9Q53S LIGITEK-L3URF9Q53S Datasheet
122Kb / 8P
   PLCC TYPE RED LED
logo
Sanyo Semicon Device
SLP-9130C-81 SANYO-SLP-9130C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-9131C-81 SANYO-SLP-9131C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com