Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSM025AT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSSM025AT
Description  TYPE FULL COLOR LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM025AT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSSM025AT Datasheet HTML 2Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 9Page - NICHIA CORPORATION NSSM025AT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
60sec.Max.
Above 220°C
1 ~ 5°C / sec.
1 ~ 5°C / sec.
180 ~ 200°C
<
1 : Lead Solder>
<
2 : Lead-free Solder>
Pre-heating
240°C Max.
10sec. Max.
60sec.Max.
Above 200
°C
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
120sec.Max.
1.0
1.8
1.8
4.6
Nichia
STSE-CM6137A
<Cat.No.061215>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(Unit : mm)


Similar Part No. - NSSM025AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM026ABT NICHIA-NSSM026ABT Datasheet
306Kb / 13P
   TYPE FULL COLOR LED
More results

Similar Description - NSSM025AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM016DT NICHIA-NSSM016DT Datasheet
435Kb / 13P
   TYPE FULL COLOR LED
NSSM026ABT NICHIA-NSSM026ABT Datasheet
306Kb / 13P
   TYPE FULL COLOR LED
NSSM038AT NICHIA-NSSM038AT Datasheet
435Kb / 13P
   TYPE FULL COLOR LED
logo
Elite Enterprises (H.K....
EL-5RGB252 ELITE-EL-5RGB252 Datasheet
92Kb / 1P
   Full Color TYPE LED
logo
NICHIA CORPORATION
NSSM065T NICHIA-NSSM065T Datasheet
528Kb / 13P
   TYPE FULL COLOR LED
logo
Lucky Light Electronic
GB-3128RGB LUCKY-LIGHT-GB-3128RGB Datasheet
46Kb / 1P
   SMD LED FULL COLOR TYPE
logo
Elite Enterprises (H.K....
EL-5RGB62 ELITE-EL-5RGB62 Datasheet
142Kb / 1P
   PCB Full Color TYPE LED
logo
Visual Communications C...
VAOS-5050RGB VCC-VAOS-5050RGB Datasheet
659Kb / 9P
   Full Color PLCC6 Type SMD LED
VAOL-S2223RGB VCC-VAOL-S2223RGB Datasheet
1,002Kb / 10P
   Full Color PCB Type SMD LED
VAOL-S19337RGB VCC-VAOL-S19337RGB Datasheet
1Mb / 11P
   Full Color PCB Type SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com