Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESB017T Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NESB017T
Description  TYPE BLUE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESB017T Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NESB017T Datasheet HTML 2Page - NICHIA CORPORATION NESB017T Datasheet HTML 3Page - NICHIA CORPORATION NESB017T Datasheet HTML 4Page - NICHIA CORPORATION NESB017T Datasheet HTML 5Page - NICHIA CORPORATION NESB017T Datasheet HTML 6Page - NICHIA CORPORATION NESB017T Datasheet HTML 7Page - NICHIA CORPORATION NESB017T Datasheet HTML 8Page - NICHIA CORPORATION NESB017T Datasheet HTML 9Page - NICHIA CORPORATION NESB017T Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
Nichia
STSE-CC5041A-1
<Cat.No.061107>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method and the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Dip Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120 ~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature
- profile
1.
180 ~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature
- profile
2.
(N2 reflow is
recommended.)
Pre-heat
Pre-heat time
Solder bath
temperature
Dipping time
100°C Max.
60 sec. Max.
260°C Max.
10 sec. Max.
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow, dip or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· Dip soldering should not be done more than one time.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
60sec.Max.
Above 220
°C
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
1~ 5°C / sec.
1~ 5°C / sec.
180 ~ 200°C
<
1 : Lead Solder>
<
2 : Lead-free Solder>
60sec.Max.
Above 200
°C
120sec.Max.
Pre-heating
240°C Max.
10sec. Max.
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
: Solder resist
4
4
9.5
1.5
1.5
(Unit : mm)


Similar Part No. - NESB017T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NESB021T NICHIA-NESB021T Datasheet
477Kb / 13P
   TYPE BLUE LED
NESB064AT-NA NICHIA-NESB064AT-NA Datasheet
279Kb / 18P
   LED
NESB064T NICHIA-NESB064T Datasheet
470Kb / 13P
   TYPE BLUE LED
More results

Similar Description - NESB017T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSB036LT NICHIA-NJSB036LT Datasheet
590Kb / 16P
   TYPE BLUE LED
NS6B083T NICHIA-NS6B083T Datasheet
388Kb / 14P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NESB505CT NICHIA-NESB505CT Datasheet
528Kb / 13P
   TYPE BLUE LED
NHSB046AT NICHIA-NHSB046AT Datasheet
571Kb / 13P
   TYPE BLUE LED
NHSB046T NICHIA-NHSB046T Datasheet
667Kb / 13P
   TYPE BLUE LED
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NJSB107T NICHIA-NJSB107T Datasheet
601Kb / 17P
   TYPE BLUE LED
NSCB455AT NICHIA-NSCB455AT Datasheet
320Kb / 13P
   TYPE BLUE LED
NECBB205T NICHIA-NECBB205T Datasheet
407Kb / 13P
   TYPE BLUE LED
NESB064T NICHIA-NESB064T Datasheet
470Kb / 13P
   TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com