Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NECWB205T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NECWB205T
Description  TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NECWB205T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NECWB205T Datasheet HTML 1Page - NICHIA CORPORATION NECWB205T Datasheet HTML 2Page - NICHIA CORPORATION NECWB205T Datasheet HTML 3Page - NICHIA CORPORATION NECWB205T Datasheet HTML 4Page - NICHIA CORPORATION NECWB205T Datasheet HTML 5Page - NICHIA CORPORATION NECWB205T Datasheet HTML 6Page - NICHIA CORPORATION NECWB205T Datasheet HTML 7Page - NICHIA CORPORATION NECWB205T Datasheet HTML 8Page - NICHIA CORPORATION NECWB205T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CC2076B
<Cat.No.040428>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
20
mA
Pulse Forward Current
IFP
70
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
80
mW
Operating Temperature
Topr
-20 ~ + 85
°C
Storage Temperature
Tstg
-30 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=10[mA]
-
3.6
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank R
Iv
IF=10[mA]
162
-
232
mcd
Rank Q
Iv
IF=10[mA]
116
-
162
mcd
Luminous Intensity
Rank P
Iv
IF=10[mA]
81
-
116
mcd
! Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=10mA,Ta=25°C)
Rank a0
Rank b1
x
0.280
0.264
0.283
0.296
x
0.287
0.283
0.330
0.330
y
0.248
0.267
0.305
0.276
y
0.295
0.305
0.360
0.339
Rank b2
Rank c0
x
0.296
0.287
0.330
0.330
x
0.330
0.330
0.361
0.356
y
0.276
0.295
0.339
0.318
y
0.318
0.360
0.385
0.351
! Color Coordinates Measurement allowance is ± 0.01.
! One delivery will include up to two consecutive color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL
INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
BT Resin
Encapsulating Resin
:
Epoxy Resin (with Diffused + YAG Phosphor)
Electrodes
:
Au Plating
<
=
<
=


Similar Part No. - NECWB205T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NECW008AT ETC-NECW008AT Datasheet
231Kb / 13P
   NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NECW425BT NICHIA-NECW425BT Datasheet
290Kb / 13P
   TYPE WHITE LED
More results

Similar Description - NECWB205T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com