Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0313 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TA0313
Description  STMicroelectronics Solutions for ADSL Line Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0313 Datasheet(HTML) 2 Page - STMicroelectronics

  TA0313 Datasheet HTML 1Page - STMicroelectronics TA0313 Datasheet HTML 2Page - STMicroelectronics TA0313 Datasheet HTML 3Page - STMicroelectronics TA0313 Datasheet HTML 4Page - STMicroelectronics TA0313 Datasheet HTML 5Page - STMicroelectronics TA0313 Datasheet HTML 6Page - STMicroelectronics TA0313 Datasheet HTML 7Page - STMicroelectronics TA0313 Datasheet HTML 8Page - STMicroelectronics TA0313 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
TA0313
STMicroelectronics Solutions for ADSL Line Interfaces
The line interface - ADSL remote terminal (RT)
Figure 2 shows a typical analog line interface used for ADSL. The upstream and downstream signals are
separated from the telephone line by using an hybrid circuit and a line transformer. On this note,
emphasis will be placed on the emission path.
The emission path
The features of the TS613 and TS612 drivers are shown in Table 1 below.
In order to shrink the line interface size, the TS613 comes in the classic SO8 plastic package as well as
the SO8 ExposedPAD plastic package, capable of dissipating 1.7W at room temperature. While this
circuit does not feature a power-down function, it does have the advantage of featuring a standard pin-
out.
Figure 2: Typical ADSL Line Interface
Table 1: Features of drivers
GBP
(MHz)
BW
Gain=4
MHz)
SR
(V/µs)
Iout typ.
(mA)
Noise
(
nV/
√Hz)
Icc per
op.
(mA)
HD2/HD31
(dBc)
1) Single ended 4Vpp/100kHz on 25
Ω//15pF
Vout
diff.
(Vpp
min)
Packages
TS613
VFA
130
34
40
320
3
11
74/79
18
SO8
SO8 Exposed Pad
TS612
VFA
130
34
40
320
3
14
74/79
18
SO20 Batwing
HYBRID
POTS
SPLITTER
line
TRANSMISSION
RECEPTION
TS613
TS612
AFE
25
12.5
TX
RX
DMT
12.5
HYBRID
POTS
SPLITTER
line
TRANSMISSION
RECEPTION
TS613
TS612
AFE
25
12.5
TX
RX
DMT
12.5


Similar Part No. - TA0313

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0313A TAI-SAW-TA0313A Datasheet
426Kb / 5P
   SAW Filter 465MHz SMD 5.0횞5.0mm
logo
Golledge Electronics Lt...
TA0313A GOLLEDGE-TA0313A Datasheet
119Kb / 4P
   RF SAW Filter 465MHz
More results

Similar Description - TA0313

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1281 STMICROELECTRONICS-AN1281 Datasheet
47Kb / 3P
   TS613 AS DRIVER FOR ADSL LINE INTERFACES
logo
Semtech Corporation
RCLAMP1224S SEMTECH-RCLAMP1224S Datasheet
158Kb / 6P
   Low Capacitance TVS for ADSL Interfaces
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
logo
Pulse A Technitrol Comp...
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
logo
XFMRS Inc.
XFADSL60S XFMRS-XFADSL60S Datasheet
77Kb / 1P
   ADSL Line
XFADSL60S XFMRS-XFADSL60S_15 Datasheet
77Kb / 1P
   ADSL LINE
XFADSL60S XFMRS-XFADSL60S Datasheet
77Kb / 1P
   ADSL Line
logo
List of Unclassifed Man...
XE1030 ETC-XE1030 Datasheet
26Kb / 8P
   Single In-Line Telephone Line Interfaces for Europe
logo
Shanghai Leiditech Elec...
LC2574N LEIDITECH-LC2574N Datasheet
859Kb / 4P
   4-Line TVS for Ethernet Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com