Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGF19NC60KD Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGF19NC60KD
Description  20 A - 600 V - short circuit rugged IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF19NC60KD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGF19NC60KD Datasheet HTML 7Page - STMicroelectronics STGF19NC60KD Datasheet HTML 8Page - STMicroelectronics STGF19NC60KD Datasheet HTML 9Page - STMicroelectronics STGF19NC60KD Datasheet HTML 10Page - STMicroelectronics STGF19NC60KD Datasheet HTML 11Page - STMicroelectronics STGF19NC60KD Datasheet HTML 12Page - STMicroelectronics STGF19NC60KD Datasheet HTML 13Page - STMicroelectronics STGF19NC60KD Datasheet HTML 14Page - STMicroelectronics STGF19NC60KD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STGB19NC60KD - STGF19NC60KD - STGP19NC60KD
Package mechanical data
11/17
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - STGF19NC60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
More results

Similar Description - STGF19NC60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
   14 A - 600 V - short-circuit rugged IGBT
August 2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
   10 A, 600 V short-circuit rugged IGBT
Rev 7 June 2017
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD_09 Datasheet
613Kb / 20P
   10 A, 600 V short-circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_08 Datasheet
455Kb / 16P
   14 A - 600 V - short circuit rugged IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com