Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB19NC60HD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGB19NC60HD
Description  19 A - 600 V - very fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB19NC60HD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGB19NC60HD Datasheet HTML 6Page - STMicroelectronics STGB19NC60HD Datasheet HTML 7Page - STMicroelectronics STGB19NC60HD Datasheet HTML 8Page - STMicroelectronics STGB19NC60HD Datasheet HTML 9Page - STMicroelectronics STGB19NC60HD Datasheet HTML 10Page - STMicroelectronics STGB19NC60HD Datasheet HTML 11Page - STMicroelectronics STGB19NC60HD Datasheet HTML 12Page - STMicroelectronics STGB19NC60HD Datasheet HTML 13Page - STMicroelectronics STGB19NC60HD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuits
STGB/F/P/W19NC60HD
10/18
3
Test circuits
Figure 19. Test circuit for inductive load
switching
Figure 20.
Gate charge test circuit
Figure 21. Switching waveform
Figure 22. Diode recovery time waveform


Similar Part No. - STGB19NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB19NC60HDT4 STMICROELECTRONICS-STGB19NC60HDT4 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
More results

Similar Description - STGB19NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com