Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC08IE150HV Datasheet(PDF) 9 Page - STMicroelectronics

Part # STC08IE150HV
Description  Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08IE150HV Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STC08IE150HV_07 Datasheet HTML 3Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 4Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 5Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 6Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 7Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 8Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 9Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 10Page - STMicroelectronics STC08IE150HV_07 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STC08IE150HV
Package mechanical data
9/11
DIM.
mm.
MIN.
TYP
MAX.
A
4.85
5.15
A1
2.20
2.50
2.60
A2
1.27
b
0.951.101.30
b2
2.50
2.90
c
0.40
0.80
D
23.85
24
24.15
D1
21.50
E
15.45
15.60
15.75
e2.54
e1
5.08
L
10.20
10.80
L1
2.20
2.50
2.80
L2
18.50
L3
3
P
3.55
3.65
S5.50
TO247-4L HV MECHANICAL DATA
7734874


Similar Part No. - STC08IE150HV_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
More results

Similar Description - STC08IE150HV_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com