Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9193-17PB Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9193-17PB
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9193-17PB Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9193-17PB Datasheet HTML 6Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 7Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 8Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 9Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 10Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 11Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 12Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 13Page - Richtek Technology Corporation RT9193-17PB Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT9193
11
DS9193-11 May 2008
www.richtek.com
TSOT-23-5 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
1.000
0.028
0.039
A1
0.000
0.100
0.000
0.004
B
1.397
1.803
0.055
0.071
b
0.300
0.559
0.012
0.022
C
2.591
3.000
0.102
0.118
D
2.692
3.099
0.106
0.122
e
0.838
1.041
0.033
0.041
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024
A
A1
e
b
B
D
C
H
L


Similar Part No. - RT9193-17PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193-17PB RICHTEK-RT9193-17PB Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-17PB RICHTEK-RT9193-17PB Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193-17PB RICHTEK-RT9193-17PB Datasheet
195Kb / 14P
   Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
RT9193-17PB RICHTEK-RT9193-17PB Datasheet
195Kb / 14P
   Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
More results

Similar Description - RT9193-17PB

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com