Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9193-15GQW Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9193-15GQW
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9193-15GQW Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9193-15GQW Datasheet HTML 1Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 2Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 3Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 4Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 5Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 6Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 7Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 8Page - Richtek Technology Corporation RT9193-15GQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9193
3
DS9193-11 May 2008
www.richtek.com
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1
μF, CBP = 22nF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
360
400
--
mA
Quiescent Current
IQ
VEN 1.2V, IOUT = 0mA
--
90
130
μA
Dropout Voltage
(Note 5)
VDROP
IOUT = 200mA, VOUT > 2.8V
170
200
mV
IOUT = 300mA, VOUT > 2.8V
--
220
300
Line Regulation
ΔVLINE
VIN = (VOUT + 1V) to 5.5V,
IOUT = 1mA
--
--
0.3
%
Load Regulation
ΔVLOAD 1mA < IOUT < 300mA
--
--
0.6
%
Standby Current
ISTBY
VEN = GND, Shutdown
--
0.01
1
μA
EN Input Bias Current
IIBSD
VEN = GND or VIN
--
0
100
nA
EN Threshold
Logic-Low Voltage
VIL
VIN = 3V to 5.5V, Shutdown
--
--
0.4
V
Logic-High Voltage VIH
VIN = 3V to 5.5V, Start-Up
1.2
--
--
Output Noise Voltage
eNO
10Hz to 100kHz, IOUT = 200mA
COUT = 1μF
--
100
--
μVRMS
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6V
Power Dissipation, PD @ TA = 25
°C
SC-70-5 ---------------------------------------------------------------------------------------------------------------------- 300mW
TSOT-23-5/SOT-23-5 ------------------------------------------------------------------------------------------------------ 400mW
WDFN-6L 2x2 -------------------------------------------------------------------------------------------------------------- 606mW
MSOP-8 --------------------------------------------------------------------------------------------------------------------- 625mW
Package Thermal Resistance (Note 4)
SOT-70-5,
θJA --------------------------------------------------------------------------------------------------------------- 333°C/W
TSOT-23-5/SOT-23-5,
θJA ------------------------------------------------------------------------------------------------ 250°C/W
WDFN-6L 2x2,
θJA --------------------------------------------------------------------------------------------------------- 165°C/W
MSOP-8
θJA ---------------------------------------------------------------------------------------------------------------- 160°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
EN Input Voltage ----------------------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
To be continued


Similar Part No. - RT9193-15GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193-15GQW RICHTEK-RT9193-15GQW Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9193-15GQW

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com