Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166-42PXL Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9166-42PXL
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166-42PXL Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9166-42PXL Datasheet HTML 1Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 2Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 3Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 4Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 5Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 6Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 7Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 8Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9166/A
1
DS9166/A-19 April 2008
www.richtek.com
Pin Configurations
300/600mA, Ultra-Fast Transient Response LDO Regulator
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT9166/A series are CMOS low dropout regulators
optimized for ultra-fast transient response. The devices are
capable of supplying 300mA or 600mA of output current
with a dropout voltage of 230mV or 580mV respectively.
The RT9166/A series are is optimized for CD/DVD-ROM,
CD/RW or wireless communication supply applications.
The RT9166/A regulators are stable with output capacitors
as low as 1
μF. The other features include ultra low dropout
voltage, high output accuracy, current limiting protection,
and high ripple rejection ratio.
The devices are available in fixed output voltages range of
1.2V to 4.5V with 0.1V per step. The RT9166/A regulators
are available in 3-lead SOT-23, SOT-89, SOT-223, TO-92
and TO-252 packages.
Features
Low Quiescent Current (Typically 220
μμμμμA)
Guaranteed 300/600mA Output Current
Low Dropout Voltage : 230/580mV at 300/600mA
Wide Operating Voltage Ranges : 3V to 5.5V
Ultra-Fast Transient Response
Tight Load and Line Regulation
Current Limiting Protection
Thermal Shutdown Protection
Only Low-ESR Ceramic Capacitor Required for
Stability
Custom Voltage Available
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CD/DVD-ROM, CD/RW
Wireless LAN Card/Keyboard/Mouse
Battery-Powered Equipment
XDSL Router
PCMCIA Card
(TOP VIEW)
1
2
3
VIN
GND
VOUT
TO-92 (RT9166/A)
12
3
GND
VOUT
VIN
SOT-23-3 (L-Type) (RT9166)
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9166/A-
Package Type
VL : SOT-23-3 (L-Type)
X : SOT-89
XL : SOT-89 (L-Type)
G : SOT-223
GL : SOT-223 (L-Type)
Z : TO-92
L : TO-252
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
12 : 1.2V
13 : 1.3V
:
45 : 4.5V
1B : 1.25V
600mA Output Current
300mA Output Current


Similar Part No. - RT9166-42PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-42PXL RICHTEK-RT9166-42PXL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-42PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com