Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166-36PXL Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9166-36PXL
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166-36PXL Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9166-36PXL Datasheet HTML 7Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 8Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 9Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 10Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 11Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 12Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 13Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 14Page - Richtek Technology Corporation RT9166-36PXL Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9166/A
13
DS9166/A-19 April 2008
www.richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.450
1.803
0.057
0.071
A1
0.020
0.100
0.0008
0.0047
b
0.610
0.787
0.024
0.031
B
3.302
3.708
0.130
0.146
C
6.706
7.290
0.264
0.287
D
6.299
6.706
0.248
0.264
D1
2.896
3.150
0.114
0.124
e
2.261
2.362
0.089
0.093
H
0.229
0.330
0.009
0.013
L
1.550
1.950
0.061
0.077
L1
0.800
1.100
0.009
0.013
3-Lead SOT-223 Surface Mount Package
A
A1
b
H
B
D
D1
C
L
e
e
L1


Similar Part No. - RT9166-36PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-36PXL RICHTEK-RT9166-36PXL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-36PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com