Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT245AD Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT245AD
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT245AD Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT245AD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT245AD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT245AD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT245AD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT245AD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT245AD Datasheet HTML 6Page - Integrated Device Technology IDT74FCT245AD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
2
IDT54/74FCT245/A/C
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
PIN CONFIGURATION
CERDIP/ SOIC
TOP VIEW
LCC
TOP VIEW
Symbol
Rating
Commercial
Military
Unit
VTERM(2)
Terminal Voltage
–0.5 to +7
–0.5 to +7
V
with Respect to GND
VTERM(3)
Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect to GND
TA
Operating Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature under BIAS
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Input and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
CI/O
I/O Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
Pin Names
Description
OE
Output Enable Input (Active LOW)
T/R
Transmit/RecieveInput
A0 - A7
Side A Inputs or 3-State Outputs
B0 - B7
Side B Inputs or 3-State Outputs
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
FUNCTION TABLE(1)
Inputs
OE
T/R
Outputs
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
B2
B0
B1
B3
B4
INDEX
A2
A3
A6
A4
A5
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
A2
A0
A1
VCC
A3
A6
A4
A5
A7
GND
OE
B2
B0
B1
B3
B6
B4
B5
B7
T/R


Similar Part No. - IDT74FCT245AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245AD IDT-IDT74FCT245AD Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245AD IDT-IDT74FCT245AD Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245ADB IDT-IDT74FCT245ADB Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245ADB IDT-IDT74FCT245ADB Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT74FCT245AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com