Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT245CSO Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT245CSO
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT245CSO Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT245CSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT245CSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT245CSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT245CSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT245CSO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT245CSO Datasheet HTML 6Page - Integrated Device Technology IDT74FCT245CSO Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
IDT54/74FCT245/A/C
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VI = VCC
——
5
VCC = Max.
VI = 2.7V
5(4)
µA
IIL
Input LOW Current
VI = 0.5V
–5(4)
VI = GND
–5
IOZH
VO = VCC
——
15
Off State (High Impedance)
VCC = Max.
VO = 2.7V
15(4)
µA
IOZL
Output Current
VO = 0.5V
–15(4)
VO = GND
–15
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
VCC = Min
IOH = –300
µAVHC
VCC
—V
VIN = VIH or VIL
IOH = –12mA MIL
2.4
4.3
IOH = –15mA COM'L
2.4
4.3
VOL
Output LOWVoltage
VCC = 3V, VIN = VLC or VHC, IOL = 300
µA
GND
VLC
VCC = Min
IOL = 300
µA
GND
VLC(4)
V
VIN = VIH or VIL
IOL = 32mA MIL
0.3
0.55
IOL = 48mA COM'L
0.3
0.55
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC - 0.2V
Commercial: TA = 0°C to +70°C, VCC = 5.0V ±5%, Military: TA = -55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not ttested.


Similar Part No. - IDT74FCT245CSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245CSO IDT-IDT74FCT245CSO Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245CSOB IDT-IDT74FCT245CSOB Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT74FCT245CSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com