Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198-49GY Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9198-49GY
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198-49GY Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9198-49GY Datasheet HTML 3Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 4Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 5Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 6Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 7Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 8Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 9Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 10Page - Richtek Technology Corporation RT9198-49GY Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
RT9198/A
7
DS9198/A-12 May 2008
www.richtek.com
Time (100
μs/Div)
CIN = COUT = 1uF
Line Transient Response
ILOAD = 50mA
5
4
3
20
0
-20
Time (100
μs/Div)
VIN = 3.3V
CIN = COUT = 1uF
Load Transient Response
VOUT = 1.5V
ILOAD = 1mA to 250mA
400
200
0
50
0
-50
Time (100
μs/Div)
CIN = COUT = 1uF
Line Transient Response
ILOAD = 250mA
5
4
3
50
0
-50
Time (1ms/Div)
RT9198-18, VIN = 5V
CIN = COUT = 1uF
EN Pin Shutdown Response
VOUT = 1.8V
ILOAD = 1mA
10
5
0
2
1
0
Time (10
μs/Div)
RT9198-18, VIN = 5V
CIN = COUT = 1uF
Start Up
VOUT = 1.8V
ILOAD = 1mA
10
5
0
2
1
0
Time (100
μs/Div)
VIN = 3.3V
CIN = COUT = 1uF
Load Transient Response
VOUT = 1.5V
ILOAD= 1mA to 50mA
100
50
0
50
0
-50


Similar Part No. - RT9198-49GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198-49GY RICHTEK-RT9198-49GY Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9198-49GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com