Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ABT16373AWD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ABT16373AWD
Description  16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ABT16373AWD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SNJ54ABT16373AWD Datasheet HTML 5Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 6Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 7Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 8Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 9Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 10Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 11Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 12Page - Texas Instruments SNJ54ABT16373AWD Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - SNJ54ABT16373AWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ABT16373AWD TI-SNJ54ABT16373AWD Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54ABT16373AWD TI-SNJ54ABT16373AWD Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ABT16373AWD

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com