Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM3105JE Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM3105JE
Description  FSK MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM3105JE Datasheet(HTML) 4 Page - Texas Instruments

  TCM3105JE Datasheet HTML 1Page - Texas Instruments TCM3105JE Datasheet HTML 2Page - Texas Instruments TCM3105JE Datasheet HTML 3Page - Texas Instruments TCM3105JE Datasheet HTML 4Page - Texas Instruments TCM3105JE Datasheet HTML 5Page - Texas Instruments TCM3105JE Datasheet HTML 6Page - Texas Instruments TCM3105JE Datasheet HTML 7Page - Texas Instruments TCM3105JE Datasheet HTML 8Page - Texas Instruments TCM3105JE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TCM3105DWL, TCM3105JE, TCM3105JL
TCM3105NE, TCM3105NL
FSK MODEM
SCTS019C – NOVEMBER 1985 – REVISED MAY 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD (see Note 1)
– 0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input)
– 0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TCM3105DWL, TCM3105JL,TCM3105NL
– 10
°C to 70°C
. . . . . .
TCM3105JE, TCM3105NE
– 55
°C to 85°C
. . . . . . . . . . . . . . . . . . . .
Storage temperature range:
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: J package
300
°C
. . . . . . . . . . . . . . . . . . . . .
NOTE 1: Voltage values are with respect to VSS.
recommended operating conditions
TCM3105JE
TCM3105NE
TCM3105DWL
TCM3105JL
TCM3105NL
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
Supply voltage, VDD
4
5
5.5
4
5
5.5
V
High-level input voltage, VIH
2
VDD
2
VDD
V
Low-level input voltage, VIL
0
0.8
0
0.8
V
Analog input level, peak to peak (ac coupled)
0.3
0.78
0.3
0.78
V
Clock frequency, fclock
4.4334
4.4336
4.4338
4.4334
4.4336
4.4338
MHz
Analog load impedance at TXA
50
50
k
Operating free-air temperature range, TA
–40
85
0
70
°C


Similar Part No. - TCM3105JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM3105JE TI-TCM3105JE Datasheet
342Kb / 11P
[Old version datasheet]   FSK MODEM
More results

Similar Description - TCM3105JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
[Old version datasheet]   FSK MODEM
logo
Exar Corporation
XR-2103 EXAR-XR-2103 Datasheet
362Kb / 6P
   FSK Modem Filter
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
ON Semiconductor
AMIS-30585 ONSEMI-AMIS-30585 Datasheet
320Kb / 17P
   S-FSK PLC Modem
December, 2008 ??Rev. 2
logo
AMI SEMICONDUCTOR
AMIS-30585 AMI-AMIS-30585 Datasheet
501Kb / 11P
   S-FSK PLC Modem
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
   CMOS 1200 BAUD FSK MODEM
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
   HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
logo
Advanced Micro Devices
AM79101 AMD-AM79101 Datasheet
1Mb / 58P
   WORLD CHIP FSK AUTODIAL MODEM
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com