Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27500DRZT-V100 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500DRZT-V100
Description  System-Side Impedance Track??Fuel Gauge
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500DRZT-V100 Datasheet(HTML) 31 Page - Texas Instruments

Back Button BQ27500DRZT-V100 Datasheet HTML 27Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 28Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 29Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 30Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 31Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 32Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 33Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 34Page - Texas Instruments BQ27500DRZT-V100 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
6
APPLICATION-SPECIFIC INFORMATION
6.1 BATTERY PROFILE STORAGE AND SELECTION
6.1.1
Common Profile Aspects
6.1.2
Activities Upon Pack Insertion
6.1.2.1 First OCV and Impedance Measurement
6.1.3
Reading Application Status
6.2 APPLICATION-SPECIFIC FLOW AND CONTROL
6.2.1
Simple Battery (bq27500 Only)
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
www.ti.com
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
When a battery pack is removed from host equipment that implements the bq27500/01, the fuel gauge
maintains some of the battery information in case the battery is re-inserted. This way, the Impedance
Track™ algorithm has a means of recovering battery-status information, thereby maintaining good
state-of-charge (SOC) estimates.
Two default battery profiles are available to store battery information. They are used to provide the
Impedance Track™ algorithm with the default information on two possible battery types expected to be
used with the end-equipment. These default profiles can be used to support batteries of different
chemistry, same chemistry but different capacities, or same chemistry but different models. Default
profiles are programmed by the end-equipment manufacturer. Note that in the case of bq27500, only one
of the default profiles can be selected, and this selection cannot be changed during end-equipment
operation.
In addition to the default profiles, the bq27500/01 maintains two abbreviated profiles. These tables hold
dynamic battery data, and keep track of the status for up to two of the most recent batteries used. In most
cases, the bq27500/01 can manage the information on two removable battery packs.
At power up, the BAT_GD pin is inactive, so that the host cannot obtain power from the battery (this
depends on the actual implementation). In this state, the battery is put in an open-circuit condition. Next,
the bq27500/1 measures its first open-circuit voltage (OCV) via the BAT pin. From the OCV(SOC) table,
the SOC of the inserted battery is found. Then the BAT_GD pin is made active, and the impedance of the
inserted battery is calculated from the measured voltage and the load current: Z(SOC) = [OCV(SOC) – V]
/ I. This impedance is compared with the impedance of the dynamic profiles, Packn, and the default
profiles, Defn, for the same SOC (the letter n depicts either a 0 or 1).
The Application Status data flash location contains cell profile status information, and can be read using
the ApplicationStatus( ) extended command (0x6a). The bit configuration of this function/location is shown
in Table 6-1.
Table 6-1. ApplicationStatus( ) Bit Definitions.
Application
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Configuration
Byte
UNSUPBAT
LU_ PROF
UNSUPBAT = Flag indicating inserted battery is not supported in the current cell profiles. bq27501 only. True when set. Default is 0.
LU_PROF = Last profile used by fuel gauge. Pack0 last used when cleared. Pack1 last used when set. Default is 0.
The bq27500 supports only one type of battery profile. This profile is stored in both the Def0 and Def1
profiles. When a battery pack is inserted for the first time, the default profile is copied into the Packn
profiles. Then the Impedance Track™ algorithm begins fuel gauging, regularly updating Packn as the
battery is used.
When an existing pack is removed from the bq27500 and a different (or same) pack is inserted, cell
impedance is measured immediately after battery detection (see Section 6.1.2.1, First OCV and
Submit Documentation Feedback
APPLICATION-SPECIFIC INFORMATION
31


Similar Part No. - BQ27500DRZT-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZT-V100 TI-BQ27500DRZT-V100 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
BQ27500DRZT-V100G4 TI-BQ27500DRZT-V100G4 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
More results

Similar Description - BQ27500DRZT-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com