Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9877 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX9877
Description  Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9877 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX9877 Datasheet HTML 8Page - Maxim Integrated Products MAX9877 Datasheet HTML 9Page - Maxim Integrated Products MAX9877 Datasheet HTML 10Page - Maxim Integrated Products MAX9877 Datasheet HTML 11Page - Maxim Integrated Products MAX9877 Datasheet HTML 12Page - Maxim Integrated Products MAX9877 Datasheet HTML 13Page - Maxim Integrated Products MAX9877 Datasheet HTML 14Page - Maxim Integrated Products MAX9877 Datasheet HTML 15Page - Maxim Integrated Products MAX9877 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Low RF Susceptibility, Mono Audio
Subsystem with DirectDrive Headphone Amplifier
12
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = PVDD = 3.7V, VGND = VPGND = 0V. Single-ended inputs, preamp gain = 0dB, volume controls = 0dB, OSC = 00, BYPASS =
0, SHDN = 1. Speaker loads (ZSPK) connected between OUT+ and OUT-. Headphone loads (RHP) connected from HPL or HPR to
GND. ZSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = +25°C, unless otherwise noted.)
HEADPHONE AMPLIFIER
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
0
0.001
0.01
0.1
10
100
1k
10k
100k
VDD = PVDD = 3.7V
RHP = 32
Ω
POUT = 10mW
POUT = 20mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.001
0.01
0.1
10
100
1k
10k
100k
VDD = PVDD = 3.7V
RHP = 16
Ω
POUT = 20mW
POUT = 40mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.001
0.01
0.1
10
100
1k
10k
100k
VDD = PVDD = 3V
RHP = 32
Ω
POUT = 10mW
POUT = 20mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.001
0.01
0.1
10
100
1k
10k
100k
VDD = PVDD = 3V
RHP = 16
Ω
POUT = 15mW
POUT = 30mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
30
20
10
0.01
0.1
1
10
0.001
040
VDD = PVDD = 3.7V
RHP = 32
Ω
fIN = 20Hz
fIN = 1kHz fIN = 6kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
0.01
0.1
1
10
0.001
0
204060
10
30
50
70
VDD = PVDD = 3.7V
RHP = 16
Ω
fIN = 20Hz AND 1kHz
fIN = 6kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
30
20
10
0.01
0.1
1
10
0.001
040
VDD = PVDD = 3V
RHP = 32
Ω
fIN = 20Hz
fIN = 1kHz
fIN = 6kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
0.01
0.1
1
10
0.001
020
40
10
30
50
60
VDD = PVDD = 3V
RHP = 16
Ω
fIN = 20Hz AND 1kHz
fIN = 6kHz


Similar Part No. - MAX9877

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
MAX9877AERP+T MAXIM-MAX9877AERP+T Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
More results

Similar Description - MAX9877

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com