Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC164 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC164
Description  8-Bit Serial-In, Parallel-Out Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC164 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC164 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC164 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC164 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC164 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC164 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC164 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC164 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
August 1993
Revised April 1999
© 1999 Fairchild Semiconductor Corporation
DS011636.prf
www.fairchildsemi.com
74VHC164
8-Bit Serial-In, Parallel-Out Shift Register
General Description
The VHC164 is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It achieves
the high-speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissi-
pation. The VHC164 is a high-speed 8-Bit Serial-In/Paral-
lel-Out Shift Register. Serial data is entered through a 2-
input AND gate synchronous with the LOW-to-HIGH transi-
tion of the clock. The device features an asynchronous
Master Reset which clears the register, setting all outputs
LOW independent of the clock. An input protection circuit
insures that 0V to 7V can be applied to the input pins with-
out regard to the supply voltage. This device can be used
to interface 5V to 3V systems and two supply systems such
as battery backup. This circuit prevents device destruction
due to mismatched supply and input voltages.
Features
s High Speed: fMAX = 175 MHz at VCC = 5V
s Low power dissipation: ICC = 4 µA (max) at TA = 25°C
s High noise immunity: VNIH = VNIL = 28% VCC (min)
s Power down protection provided on all inputs
s Low noise: VOLP = 0.8V (max)
s Pin and function compatible with 74HC164
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74VHC164M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74VHC164SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC164MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC164N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
A, B
Data Inputs
CP
Clock Pulse Input (Active Rising Edge)
MR
Master Reset Input (Active LOW)
Q0–Q7
Outputs


Similar Part No. - 74VHC164

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
ON Semiconductor
74VHC164 ONSEMI-74VHC164 Datasheet
326Kb / 10P
   8-Bit Serial-In, Parallel-Out Shift Register
February 2008 Rev. 1.4.0
logo
Toshiba Semiconductor
74VHC164FT TOSHIBA-74VHC164FT Datasheet
188Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.4.0
logo
Fairchild Semiconductor
74VHC164M FAIRCHILD-74VHC164M Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
ON Semiconductor
74VHC164M ONSEMI-74VHC164M Datasheet
326Kb / 10P
   8-Bit Serial-In, Parallel-Out Shift Register
February 2008 Rev. 1.4.0
More results

Similar Description - 74VHC164

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com