Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9182BGES Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9182BGES
Description  Dual, Low-Noise, 200mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182BGES Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9182BGES Datasheet HTML 1Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 2Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 3Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 4Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 5Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 6Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 7Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 8Page - Richtek Technology Corporation RT9182BGES Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9182
3
DS9182-18 April 2008
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6.5V
Power Dissipation, PD @ TA = 25
°C
SOT-23-6 -------------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 5)
SOT-23-6,
θJA --------------------------------------------------------------------------------------------------------------- 250°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.7V to 5.5V
Enable Input Voltage ------------------------------------------------------------------------------------------------------ 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
40°C to 125°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
(Load Regulation)
ΔVOUT IL = 1mA to 200mA
-2
--
+2
%
Maximum Output Current
IMAX
Continuous
200
--
--
mA
Current Limit
ILIM
RLOAD = 1Ω
500
--
1000
mA
No Load
--
165
260
μA
Quiescent Current
IG
IOUT = 100mA (Both LDOs)
--
165
260
μA
IOUT = 1mA
--
1.2
--
mV
IOUT = 100mA
--
120
--
mV
Dropout Voltage
(Note 4)
VDROP
IOUT = 200mA
--
255
--
mV
Line Regulation
ΔVLINE
VIN = (VOUT +0.4V or 2.7V) to 5.5V
IOUT = 1mA
-0.2
--
+0.2
%/V
EN Input High Threshold
VIH
VIN = 2.7V to 5.5V
1.6
--
--
V
EN Input Low Threshold
VIL
VIN = 2.7V to 5.5V
--
--
0.4
V
EN Input Bias Current
ISD
EN = GND or VIN
--
--
100
nA
Shutdown Supply Current
IGSD
EN1 = EN2 = GND
--
0.01
2
μA
Thermal Shutdown Temperature
TSD
--
140
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
10
--
°C
Output Voltage Noise
eNO
10Hz to 100kHz, COUT = 4.7μF,
ILOAD = 1mA
--
124
--
μV
RMS
Output Voltage AC PSRR
100Hz, COUT = 4.7μF,
ILOAD = 100mA
--
62
--
dB
(VIN = 3.6V, CIN = COUT = 2.2uF, EN1 = EN2 = VIN, typical values at TA = 25
°C, for each LDO unless otherwise specified.)


Similar Part No. - RT9182BGES

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182BGES RICHTEK-RT9182BGES Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
More results

Similar Description - RT9182BGES

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com