Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT1-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADT1-1
Description  RF Transformer 50ihm 0.15 to 400 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADT1-1 Datasheet(HTML) 1 Page - Mini-Circuits

  ADT1-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF Transformer
Surface Mount
ADT1-1+
ADT1-1
CASE STYLE: CD542
PRICE: $2.95 ea. QTY (10-49)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
Applications
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Outline Drawing
Transformer Electrical Specifications
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. B
M98898
ADT1-1
ED-6761/1
HY/TD/CP
060614
Typical Performance Data
Config. C
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
• good return loss, 22 dB in 1 dB bandwidth
• excellent amplitude unbalance, 0.1 dB typ. and
phase unbalance, 2 deg. typ. in 1dB bandwidth
• aqueous washable
• protected under US patent 6,133,525
• impedance matching
• baluns
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
1
0.15-400
0.15-400
0.2-200
0.3-100
2
5
0.1
0.5
FREQUENCY
(MHz)
INERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
PRIMARY DOT
3
PRIMARY
1
SECONDARY DOT
4
SECONDARY
6
NOT USED
2,5
50Ω
0.15 to 400 MHz
* Insertion Loss is referenced to mid-band loss, 0.3 dB typ.
0.15
0.58
18.04
0.01
0.06
0.20
0.51
19.90
0.01
0.02
0.30
0.44
22.30
0.02
0.00
1.00
0.30
27.82
0.00
0.08
40.00
0.31
22.47
0.04
1.44
100.00
0.52
15.19
0.22
3.60
150.00
0.64
12.04
0.53
5.83
200.00
1.08
10.90
0.99
7.98
300.00
1.58
7.21
2.21
14.28
400.00
1.82
5.71
4.06
24.39
ADT1-1
INSERTION LOSS
0.0
0.4
0.8
1.2
1.6
2.0
0
80
160
240
320
400
FREQUENCY (MHz)
Demo Board MCL P/N: TB-42


Similar Part No. - ADT1-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADT1-1WT MINI-ADT1-1WT Datasheet
203Kb / 1P
   RF Transformer
ADT1-1WT MINI-ADT1-1WT Datasheet
204Kb / 1P
   RF Transformer
ADT1-1WT++ MINI-ADT1-1WT+ Datasheet
204Kb / 1P
   RF Transformer
ADT1-1WT-1 MINI-ADT1-1WT-1 Datasheet
48Kb / 1P
   Surface Mount RF Transformer
ADT1-1WT-1 MINI-ADT1-1WT-1 Datasheet
185Kb / 1P
   RF Transformer
More results

Similar Description - ADT1-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP-312 ETC2-DP-312 Datasheet
320Kb / 1P
   Wideband RF/Pulse Transformer 25-400 MHz
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
   RF Pulse Transformer 750 kHz - 400 MHz
logo
SIRENZA MICRODEVICES
HF-118 SIRENZA-HF-118 Datasheet
75Kb / 1P
   Wideband RF/Pulse Transformer 5-400 MHz
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
   RF Pulse Transformer, 750 KHz - 400 MHz
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
M/A-COM Technology Solu...
ETC36-1T-2 MA-COM-ETC36-1T-2 Datasheet
47Kb / 2P
   E-Series RF 36:1 Transformer 5 - 400 MHz
logo
Tyco Electronics
ETC36-1T-2 MACOM-ETC36-1T-2 Datasheet
57Kb / 2P
   E-Series RF 36:1 Transformer 5 - 400 MHz
logo
M/A-COM Technology Solu...
MABA-009126-ET11SM MA-COM-MABA-009126-ET11SM Datasheet
85Kb / 2P
   E-Series RF 1:1 Transformer 0.3-400 MHz
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
logo
Integrated Device Techn...
IDTF1130NBGI IDT-IDTF1130NBGI Datasheet
2Mb / 40P
   Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com