Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT9182 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part No. RT9182
Description  Dual, Low-Noise, 200mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT9182 Datasheet(HTML) 2 Page - Richtek Technology Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9182
2
DS9182-18 April 2008
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VOUT2
Channel 2 Output Voltage
2
GND
Common Ground
3
EN2
Note
Chip Enable (Active High)
4
EN1
Note
Chip Enable (Active High)
5
VIN
Supply Input
6
VOUT1
Channel 1 Output Voltage
Note: If EN1 and EN2 are both low, both regulators and the reference turn off.
Thermal Protection
Current Limit
Current Limit
V
REF
+
-
+
-
Bias
VIN
VOUT1
EN1
EN2
GND
VOUT2
Typical Application Circuit
EN2
EN1
VOUT2
VOUT1
RT9182
GND
VIN
2.2uF
V
IN
2.2uF
V
OUT1
2.2uF
V
OUT2
Chip Enable
Chip Enable
3
6
5
4
1
2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT9182DUAL LOW-NOISE 200mA LDO REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
RT9182_07Dual Low-Noise 200mA LDO Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
EUP7201Dual Low-Noise 150mA LDO Regulator 1 2 3 4 5 MoreEutech Microelectronics Inc
YB1220Dual Channel 200mA LDO Regulator 1 2 3 4 5 MoreYOBON TECHNOLOGIES,INC.
RP100XLOW NOISE 200mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
AMC76386Dual 450mA LDO REGULATOR 1 2 3 4 5 MoreADDtek Corp
RT9012300mA Dual LDO Regulator with POR 1 2 3 4 5 MoreRichtek Technology Corporation
GM6156150mA LOW-NOISE LDO REGULATOR 1 2 3 4 5 MoreGamma Microelectronics Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn