Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM452R1V Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FODM452R1V
Description  5-Pin Mini Flat Package High Speed Transistor Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM452R1V Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FODM452R1V Datasheet HTML 3Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 4Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 5Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 6Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 7Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 8Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 9Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 10Page - Fairchild Semiconductor FODM452R1V Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM452, FODM453 Rev. 1.0.0
7
Pulse Gen
CM
V
V
FF
B
A
+-
+5 V
O
V
-
I
F
3
+
1
Shield
Noise
5
O
4
GND
6
V
CC
V
L
R
PLH
OL
V
VO
0
5 V
1.5 V
F
I
1.5 V
T
PHL
T
Switch at A : I = 0 mA
F
Switch at A : I = 16 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
I Monitor
F
3
I/f < 100
µs
10% D.C.
tr = 5ns
Generator
Pulse
Z = 50
O
+
I
F
1
Shield
Noise
VO
O
5
4
GND
6
V
L
R
CC
V
+5 V
0.1
µF
L
C = 1.5
µF
0.1
µF
f
t
m
R
90%
Fig. 10 Common Mode Immunity Test Circuit
Fig. 9 Switching Time Test Circuit


Similar Part No. - FODM452R1V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FODM452R2 ONSEMI-FODM452R2 Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
FODM452R2V ONSEMI-FODM452R2V Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
More results

Similar Description - FODM452R1V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453_10 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
FODM453R2 FAIRCHILD-FODM453R2 Datasheet
366Kb / 14P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
ON Semiconductor
FODM452 ONSEMI-FODM452 Datasheet
191Kb / 12P
   5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453 Datasheet
127Kb / 11P
   5-PIN MINI FLAT PACKAGE HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
CT Micro International ...
CTM131 CTMICRO-CTM131 Datasheet
1Mb / 10P
   DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Rev 0.2 Dec, 2018
CTM452 CTMICRO-CTM452 Datasheet
1Mb / 12P
   5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTM600 CTMICRO-CTM600 Datasheet
1Mb / 13P
   10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
CT1110 CTMICRO-CT1110 Datasheet
1Mb / 12P
   DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
CT1119-W CTMICRO-CT1119-W Datasheet
1Mb / 12P
   DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Rev 2 Dec, 2017
logo
Sharp Corporation
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
   High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com