Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RTD14048 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. RTD14048
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

RTD14048 Datasheet(HTML) 3 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay RT1 (Continued)
Product key
RT
Type
Version
1
1
12
2 A
A,, p
piin
nn
niin
ng
g 3
3..5
5 m
mm
m,, ffllu
ux
x p
prro
oo
off
B
12 A, pinning 3.5 mm, wash tight
2
12 A, pinning 5 mm, flux proof *)
3
1
16
6 A
A,, p
piin
nn
niin
ng
g 5
5 m
mm
m,, ffllu
ux
x p
prro
oo
off
D
16 A, pinning 5 mm, wash tight
Contact configuration
1
1 CO contact
3
1 NO contact
Contact material
4
AgNi 90/10
5
AgNi 90/10 gold plated (for type RT31.)
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Preferred types in bold print
*) Wash tight version on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
12 A, pinning 3.5 mm
1 CO contact
1 NO contact
12 A, pinning 5 mm
1 CO contact
1 NO contact
16 A, pinning 5 mm
1 CO contact
1 NO contact
S0418-CB
S0418-CN
S0418-CA
S0163-BE
S0163-BC
S0163-BG
S0163-BH
S0163-BD
S0163-BF
S0272-BB
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
G2R-1APCB Relay A Power Relay for a Variety of Purposes with Various Models 1 2 3 4 5 MoreOmron Electronics LLC
PCFNPower PCB Relay 1 2 Tyco Electronics
PCHMiniature Power PCB Relay 1 2 3 Tyco Electronics
RX114524CPower PCB Relay 1 2 3 4 Tyco Electronics
G6C-1114P-USPower PCB Relay 1 2 3 4 5 MoreOmron Electronics LLC
RPII1Power PCB Relay 1 2 3 Tyco Electronics
RPII2Power PCB Relay 1 2 3 Tyco Electronics
MSRMiniature Power PCB Relay 1 2 3 Tyco Electronics
PB114005Miniature Power PCB Relay 1 2 3 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn