Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTE24024 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RTE24024
Description  Power PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTE24024 Datasheet(HTML) 1 Page - Tyco Electronics

  RTE24024 Datasheet HTML 1Page - Tyco Electronics RTE24024 Datasheet HTML 2Page - Tyco Electronics RTE24024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. GH1
Issued 2007/08
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Power PCB Relay RT2
I 2 pole 8 A, 2 CO or 2 NO contacts
I DC- or AC-coil
I Sensitive coil 400 mW
I Reinforced insulation
I WG version: Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0413
Applications
Domestic appliances, heating control, emergency lighting,
modems
F0149-B
Approvals
V REG.-Nr. 6106, Z E214025, b 14385, B C0786
Technical data of approved types on request
Contact data
Contact configuration
2 CO or 2 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
8 A, UL: 10 A
Rated voltage / max.switching voltage AC
250/400 VAC
Limiting continuous current
UL: 10 A
Maximum breaking capacity AC
2000 VA
Limiting making capacity, max 4 s, duty factor 10%
15 A
Contact material
AgNi 90/10, AgNi 90/10 gold plated, AgSnO2
Mechanical endurance DC coil
> 30 x 106 cycles
AC coil
> 5 x 106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RT424
8 A, 250 VAC, NO contact, 70°C, EN61810-1
100x103
RT444
6(3) A, 250 VAC, NO contact, 85°C; EN60730-1
100x103
RT424
6(2) A, 250 VAC, NO/NC contact, 85°C; EN60730-1
100x103
RT424
10 A, 250 VAC, CO contact, 70°C; General purpose, UL508
30x103
RT424
1/2hp @ 240 VAC, 1/4hp @ 120 VAC, UL508
RT424
Pilot duty B300, UL508
RT424
8 A, 30 VDC, General Purpose, UL508
RT424
4 A, 230 VAC, cos
ϕ=0.6, gas burner
150x103
Coil data
Rated coil voltage range DC coil
5...110 VDC
AC coil
24...230 VAC
Coil power DC coil
typ 400 mW
AC coil
typ 0,75 VA
Operative range
2
Coil insulation system according UL1446
class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
005
5
3.5
0.5
62+10%
403
006
6
4.2
0.6
90+10%
400
012
12
8.4
1.2
360+10%
400
024
24
16.8
2.4
1440+10%
400
048
48
33.6
4.8
5520+10%
417
060
60
42.0
6.0
8570+12%
420
110
110
77.0
11.0
28800+12%
420
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - RTE24024

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTE24024 SIEMENS-RTE24024 Datasheet
193Kb / 8P
   Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Tyco Electronics
RTE24024 MACOM-RTE24024 Datasheet
215Kb / 3P
   Power PCB Relay RT2
logo
TE Connectivity Ltd
RTE24024 TEC-RTE24024 Datasheet
410Kb / 4P
   Power PCB Relay RT2 DC and AC (for global markets)
logo
Tyco Electronics
RTE24024AP MACOM-RTE24024AP Datasheet
541Kb / 3P
   General Purpose Relays PCB Relays
RTE24024F MACOM-RTE24024F Datasheet
542Kb / 3P
   Power PCB Relay RT2
More results

Similar Description - RTE24024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com