Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7SV1E6-12-WG Datasheet(PDF) 3 Page - Tyco Electronics

Part # T7SV1E6-12-WG
Description  Miniature Power PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7SV1E6-12-WG Datasheet(HTML) 3 Page - Tyco Electronics

  T7SV1E6-12-WG Datasheet HTML 1Page - Tyco Electronics T7SV1E6-12-WG Datasheet HTML 2Page - Tyco Electronics T7SV1E6-12-WG Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. GB1
Issued 2007/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Miniature Power PCB Relay T7S (Continued)
3
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
T7SV1E6-05
flux proof
AgZnO
1 NO contact
5 VDC
1721382-1
T7SV1E6-06
6 VDC
1721382-2
T7SV1E6-09
9 VDC
1721382-3
T7SV1E6-12
12 VDC
1721382-4
T7SV1E6-24
24 VDC
1721382-5
T7SV5E6-05
1 CO contact
5 VDC
1721381-1
T7SV5E6-06
6 VDC
1721381-2
T7SV5E6-09
9 VDC
1721381-3
T7SV5E6-12
12 VDC
1721381-4
T7SV5E6-24
24 VDC
1721381-5
T7SV1E6-05-WG
flux proof
1 NO contact
5 VDC
2-1721382-5
T7SV1E6-06-WG
according
6 VDC
2-1721382-6
T7SV1E6-09-WG
IEC 60335-1
9 VDC
2-1721382-7
T7SV1E6-12-WG
12 VDC
2-1721382-8
T7SV1E6-24-WG
24 VDC
2-1721382-9
T7SV5E6-05-WG
1 CO contact
5 VDC
2-1721381-5
T7SV5E6-06-WG
6 VDC
2-1721381-6
T7SV5E6-09-WG
9 VDC
2-1721381-7
T7SV5E6-12-WG
12 VDC
2-1721381-8
T7SV5E6-24-WG
24 VDC
2-1721381-9
T7SS1E6-05
wash tight
1 NO contact
5 VDC
1721382-7
T7SS1E6-06
6 VDC
1721382-8
T7SS1E6-09
9 VDC
1721382-9
T7SS1E6-12
12 VDC
1-1721382-0
T7SS1E6-24
24 VDC
1-1721382-1
T7SS5E6-05
1 CO contact
5 VDC
1721381-7
T7SS5E6-06
6 VDC
1721381-8
T7SS5E6-09
9 VDC
1721381-9
T7SS5E6-12
12 VDC
1-1721381-0
T7SS5E6-24
24 VDC
1-1721381-1
T7SS1E6-05-WG
wash tight
1 NO contact
5 VDC
3-1721382-1
T7SS1E6-06-WG
according
6 VDC
3-1721382-2
T7SS1E6-09-WG
IEC 60335-1
9 VDC
3-1721382-3
T7SS1E6-12-WG
12 VDC
3-1721382-4
T7SS1E6-24-WG
24 VDC
3-1721382-5
T7SS5E6-05-WG
1 CO contact
5 VDC
3-1721381-1
T7SS5E6-06-WG
6 VDC
3-1721381-2
T7SS5E6-09-WG
9 VDC
3-1721381-3
T7SS5E6-12-WG
12 VDC
3-1721381-4
T7SS5E6-24-WG
24 VDC
3-1721381-5
T7SV1E4-05
flux proof
AgNi 90/10
1 NO contact
5 VDC
1721735-1
T7SV1E4-06
6 VDC
1721735-2
T7SV1E4-09
9 VDC
1721735-3
T7SV1E4-12
12 VDC
1721733-4
T7SV1E4-24
24 VDC
1721735-5
T7SV5E4-05
1 CO contact
5 VDC
1721734-1
T7SV5E4-06
6 VDC
1721734-2
T7SV5E4-09
9 VDC
1721734-3
T7SV5E4-12
12 VDC
1721734-4
T7SV5E4-24
24 VDC
1721734-5
T7SV1E4-05-WG
flux proof
1 NO contact
5 VDC
2-1721735-5
T7SV1E4-06-WG
according
6 VDC
2-1721735-6
T7SV1E4-09-WG
IEC 60335-1
9 VDC
2-1721735-7
T7SV1E4-12-WG
12 VDC
2-1721735-8
T7SV1E4-24-WG
24 VDC
2-1721735-9
T7SV5E4-05-WG
1 CO contact
5 VDC
2-1721734-5
T7SV5E4-06-WG
6 VDC
2-1721734-6
T7SV5E4-09-WG
9 VDC
2-1721734-7
T7SV5E4-12-WG
12 VDC
2-1721734-8
T7SV5E4-24-WG
24 VDC
2-1721734-9


Similar Part No. - T7SV1E6-12-WG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7SV1E6-12-WG MACOM-T7SV1E6-12-WG Datasheet
138Kb / 3P
   Miniature Power PCB Relay T7S
More results

Similar Description - T7SV1E6-12-WG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com