Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9172S-32PM Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9172S-32PM
Description  3A Fixed Output Voltage LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172S-32PM Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9172S-32PM Datasheet HTML 7Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 8Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 9Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 10Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 11Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 12Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 13Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 14Page - Richtek Technology Corporation RT9172S-32PM Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT9172
11
DS9172-15 April 2008
www.richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
4.064
4.826
0.160
0.190
A1
2.032
2.921
0.080
0.115
b
0.635
1.016
0.025
0.040
b1
1.143
1.524
0.045
0.060
b2
0.305
0.559
0.012
0.022
C
1.143
1.397
0.045
0.055
D
9.779
10.668
0.385
0.420
E
7.620
9.398
0.300
0.370
e
2.286
2.794
0.090
0.110
E1
11.176
12.954
0.440
0.510
F
2.616
2.870
0.103
0.113
L1
17.526
18.542
0.690
0.730
L2
7.544
8.636
0.297
0.340
M
3.708
3.962
0.146
0.156
Outline Dimension
3-Lead TO- 220 Plastic Package
C
b2
E
A1
A
D
b
b1
L2
L1
e
F
E1
M


Similar Part No. - RT9172S-32PM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172S-32PM RICHTEK-RT9172S-32PM Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172S-32PM5 RICHTEK-RT9172S-32PM5 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172S-32PM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com