Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH-124L2M-WG Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCH-124L2M-WG
Description  Miniature Power PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCH-124L2M-WG Datasheet(HTML) 1 Page - Tyco Electronics

  PCH-124L2M-WG Datasheet HTML 1Page - Tyco Electronics PCH-124L2M-WG Datasheet HTML 2Page - Tyco Electronics PCH-124L2M-WG Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Relays
1
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB Relay PCH
I 1pole 5 A, 1CO or 1NO contact
I Sensitive 200 mW coil available
I Version PCH-WG with tracking resistance PTI 250
on relay base and cover
I WG version: Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC) as per
product date code 0424
Applications
Domestic appliances, heating control, building control,
measurement&control
F-PCH
Approvals
PCH / PCH-WG:
V
119568
Z
E82292
Technical data of approved types on request
Contact data
PCH
PCH-WG
Contact configuration
1 CO or 1 NO
Contact set
single contact
Type of interruption
micro-disconn.
Rated current
5 A
Rated voltage / max.switching voltage AC
250/400 VAC
Maximum breaking capacity AC
1250 VA
Contact material
AgSnO
Mechanical endurance
1.5x10
6 cycles
10x10
6 cycles
Rated frequency of operation with / without load
6/600 min-1
Contact ratings
Type
Load
Cycles
PCH-XXXX2M-WG N/O, 5 A, 250VAC, 85°C, resistive, EN61810-1
100x103
PCH-XXXX2-WG
C/O (N/O tested): 5 A, 250VAC, 85°C, res. EN61810-1
100x103
PCH-XXXD2M
N/O, 5 A, 250VAC, 70°C, resistive, EN61810-1
100x103
PCH-XXXL2M
N/O, 5 A, 250VAC, 70°C, resistive, EN61810-1
30x103
PCH-XXXD2
C/O, 3 A, 250VAC, 40°C, resistive, EN61810-1
30x103
Coil data
standard
sensitiv
Rated coil voltage range DC coil
5...48 VDC
5...24 VDC
Coil power DC coil
typ. 400 mW
typ. 200 mW
Operative range
1
Coil insulation system according UL1446
class F
Coil versions, DC-coil - standard
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
05
5
3.75
0.5
62.5+10%
400
06
6
4.5
0.6
80+10%
400
09
9
6.3
0.9
202.5+10%
400
12
12
8.4
1.2
360+10%
400
24
24
16.8
2.4
1440+10%
400
48
48
33.6
4.8
5760+10%
400
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PCH-124L2M-WG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCH-124L2M-WG TEC-PCH-124L2M-WG Datasheet
1Mb / 3P
   Miniature PCB Relay PCH
04-2012, Rev.
More results

Similar Description - PCH-124L2M-WG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com