Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF354012WG Datasheet(PDF) 3 Page - Tyco Electronics

Part # RF354012WG
Description  Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RF354012WG Datasheet(HTML) 3 Page - Tyco Electronics

  RF354012WG Datasheet HTML 1Page - Tyco Electronics RF354012WG Datasheet HTML 2Page - Tyco Electronics RF354012WG Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. GK1
Issued 2007/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
SCHRACK
Power Relay RF (Continued)
Product key
RF
Type
Version
3
16 A, 85°C
H
16 A, 105°C
Contact configuration
3
1 NO contact, quick connect term. vertical
5
1 NC contact, quick connect term. vertical
D
1 NO contact, quick connect term. horizontal F
1 NC contact, quick connect term. horizontal
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Wash tight version on request
Product key
Version
Configuration
Cont. material
Coil
Part number
RF334006
16 A
1 NO contact
AgNi 90/10
6 VDC
5-1415513-1
RF334009
85°C
quick connect term.
9 VDC
7-1415513-1
RF334012
vertical
12 VDC
8-1415513-1
RF334024
24 VDC
9-1415513-1
RF354006
1 NC contact
6 VDC
2-1415514-1
RF354009
quick connect term.
9 VDC
3-1415514-1
RF354012
vertical
12 VDC
4-1415514-1
RF354024
24 VDC
5-1415514-1
RFH34006
16 A
1 NO contact
6 VDC
8-1415510-1
RFH34009
105°C
quick connect term.
9 VDC
9-1415510-1
RFH34012
vertical
12 VDC
6-1415510-1
RFH34024
24 VDC
0-1415511-1
RFH54006
1 NC contact
6 VDC
4-1415511-1
RFH54009
quick connect term.
9 VDC
5-1415511-1
RFH54012
vertical
12 VDC
6-1415511-1
RFH54024
24 VDC
7-1415511-1
RF334006WG
16 A
1 NO contact
6 VDC
5-1415517-1
RF334009WG
85°C
quick connect term.
9 VDC
6-1415517-1
RF334012WG
materials according
vertical
12 VDC
7-1415517-1
RF334024WG
IEC 60335-1
24 VDC
8-1415517-1
RF354006WG
1 NC contact
6 VDC
2-1415518-1
RF354012WG
quick connect term.
9 VDC
4-1415518-1
RF354024WG
vertical
12 VDC
5-1415518-1
RF354048WG
24 VDC
6-1415518-1
RFH34006WG
16 A
1 NO contact
6 VDC
3-1415520-1
RFH34009WG
105°C
quick connect term.
9 VDC
4-1415520-1
RFH34012WG
materials according
vertical
12 VDC
5-1415520-1
RFH34024WG
IEC 60335-1
24 VDC
6-1415520-1
RFH54006WG
1 NC contact
6 VDC
0-1415521-1
RFH54009WG
quick connect term.
9 VDC
1-1415521-1
RFH54012WG
vertical
12 VDC
2-1415521-1
RFH54024WG
24 VDC
3-1415521-1


Similar Part No. - RF354012WG

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3501E RFM-RF3501E Datasheet
478Kb / 7P
   866.1 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3501E MURATA-RF3501E Datasheet
478Kb / 7P
   866.1 MHz SAW Filter
logo
RF Micro Devices
RF3511 RFMD-RF3511 Datasheet
86Kb / 1P
   3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
logo
Qorvo, Inc
RF3511 QORVO-RF3511 Datasheet
86Kb / 1P
   3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
logo
RF Micro Devices
RF3511PCBA-410 RFMD-RF3511PCBA-410 Datasheet
86Kb / 1P
   3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results

Similar Description - RF354012WG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
logo
CUI INC
PR19 CUI-PR19 Datasheet
446Kb / 5P
   POWER RELAY
08/09/2022
PR5 CUI-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
logo
CUI Devices
PR13 CUID-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com