Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT370L24 Datasheet(PDF) 4 Page - Tyco Electronics

Part # PT370L24
Description  Miniature Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT370L24 Datasheet(HTML) 4 Page - Tyco Electronics

  PT370L24 Datasheet HTML 1Page - Tyco Electronics PT370L24 Datasheet HTML 2Page - Tyco Electronics PT370L24 Datasheet HTML 3Page - Tyco Electronics PT370L24 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
General Purpose Relays
4
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Relay PT (Continued)
Product key
Cont. Config.
Cont. material
Version
Coil
Coil
Part number
PT270024
2 CO contacts
AgNi 90/10
AMP 2.8
DC-coil
24 VDC
4-1419111-2
PT270524
test button
connectors
AC-coil
24 VAC
4-1419111-8
PT270615
115 VAC
5-1419111-0
PT270730
230 VAC
5-1419111-1
PT270L24
DC-coil+LED
24 VDC
9-1415001-1
PT270R24
AC-coil+LED
24 VAC
0-1415002-1
PT270S15
115 VAC
2-1415039-1
PT270T30
230 VAC
3-1415002-1
PT271024
PCB terminals
DC-coil
24 VDC
5-1419111-3
PT271524
AC-coil
24 VAC
5-1419111-6
PT271615
115 VAC
4-1419135-0
PT271730
230 VAC
5-1419111-8
PT370024
3 CO contacts
AgNi 90/10
AMP 2.8
DC-coil
24 VDC
6-1419111-1
PT370524
test button
connectors
AC-coil
24 VAC
6-1419111-6
PT370615
115 VAC
6-1419111-8
PT370730
230 VAC
6-1419111-9
PT370L24
DC-coil+LED
24 VDC
5-1415002-1
PT370R24
AC-coil+LED
24 VAC
7-1415002-1
PT370S15
115 VAC
9-1415039-1
PT370T30
230 VAC
9-1415002-1
PT371024
PCB terminals
DC-coil
24 VDC
7-1419111-1
PT371524
AC-coil
24 VAC
7-1419111-3
PT371615
115 VAC
0-1393154-8
PT371730
230 VAC
7-1419111-5
PT570024
4 CO contacts
AgNi 90/10
AMP 2.8
DC-coil
24 VDC
1-1393154-2
PT570524
test button
connectors
AC-coil
24 VAC
8-1419111-7
PT570615
115 VAC
9-1419111-0
PT570730
230 VAC
9-1419111-1
PT570L24
DC-coil+LED
24 VDC
6-1415001-1
PT570R24
AC-coil+LED
24 VAC
7-1415001-1
PT570S15
115 VAC
7-1415003-1
PT570T30
230 VAC
8-1415001-1
PT571024
PCB terminals
DC-coil
24 VDC
9-1419111-3
PT571524
AC-coil
24 VAC
9-1419111-6
PT571615
115 VAC
1-1393154-5
PT571730
230 VAC
9-1419111-8
PT580024
AgNi 90/10
AMP 2.8
DC-coil
24 VDC
1-1393154-7
PT580524
gold plated
connectors
AC-coil
24 VAC
2-1393154-1
PT580730
test button
230 VAC
2-1393154-2
PT580L24
DC-coil+LED
24 VDC
5-1415026-1
PT580R24
AC-coil+LED
24 VAC
6-1415026-1
PT580T30
230 VAC
7-1415026-1
PT581024
PCB terminals
DC-coil
24 VDC
7-1419135-2
PT581730
AC-coil
230 VAC
2-1393154-3


Similar Part No. - PT370L24

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT370 SHARP-PT370 Datasheet
191Kb / 5P
   COMPACT, STEM TYPE PHOTOTRANSISTOR
logo
Tyco Electronics
PT370024 MACOM-PT370024 Datasheet
294Kb / 4P
   Miniature Relay PT
More results

Similar Description - PT370L24

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Kepont Electronics, Inc...
KS2E-M-DC3 KEPONT-KS2E-M-DC3 Datasheet
152Kb / 1P
   Miniature Power Relay
logo
Tyco Electronics
LNH MACOM-LNH Datasheet
83Kb / 3P
   Miniature Power Relay
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
logo
American Zettler, Inc.
AZ673 AZETTLER-AZ673 Datasheet
130Kb / 2P
   MINIATURE POWER RELAY
AZ683 AZETTLER-AZ683 Datasheet
118Kb / 2P
   MINIATURE POWER RELAY
logo
Kepont Electronics, Inc...
KS2E-M-DC12 KEPONT-KS2E-M-DC12 Datasheet
152Kb / 1P
   Miniature Power Relay
logo
List of Unclassifed Man...
ST482-U1 ETC2-ST482-U1 Datasheet
118Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
   Miniature Relay PT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com