Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE030048 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RE030048
Description  Miniature PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RE030048 Datasheet(HTML) 1 Page - Tyco Electronics

  RE030048 Datasheet HTML 1Page - Tyco Electronics RE030048 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. FB1
Issued 2006/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature PCB Relay RE
I 1 pole 6 A, 1NO contact
I Sensitive coil 200 mW
I 4 kV coil-contact
I Optimized height 10,6 mm
I PCB area 200 mm2
I Wash tight
I Plastic materials according to IEC60335-1 (domestic appliances)
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0352
Applications
PLC's, timers, temperature control, I/O cards, white goods
F0141-A
Approvals
V REG.-Nr. 5063, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
6 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
1500 VA
Limiting making capacity, max 4 s, duty factor 10%
15 A
Contact material
AgCdO
AgNi0.15 and AgNi90/10
Mechanical endurance
>30x106 cycles
Rated frequency of operation with / without load
6/1200 min-1
Contact ratings
Type
Load
Cycles
RE030
6 A, 250 VAC, resistive, 70°C, 50% df, 6 min-1, EN61810-1
1x105
RE030
1/4 hp, 240 VAC, UL508
3x104
RE030
B 300, UL508
RE034
6 A, 250 VAC, resistive, 70°C, 50% df, 6 min-1, EN61810-1
1x105
Coil data
Rated coil voltage range DC coil
5 ... 48 VDC
Coil power DC coil
typ. 200 mW
Operative range
2
Coil insulation system according UL1446
F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.5
0.5
125+10%
200
006
6
4.2
0.6
180+10%
200
012
12
8.4
1.2
720+10%
200
024
24
16.8
2.4
2880+15%
200
048
48
33.6
4.8
11520+15%
200
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - RE030048

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RE030048 MACOM-RE030048 Datasheet
147Kb / 2P
   Miniature PCB Relay RE
More results

Similar Description - RE030048

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com