Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF375 Datasheet(PDF) 9 Page - Tyco Electronics

Part # HF375
Description  Signal and RF Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF375 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button HF375 Datasheet HTML 4Page - Tyco Electronics HF375 Datasheet HTML 5Page - Tyco Electronics HF375 Datasheet HTML 6Page - Tyco Electronics HF375 Datasheet HTML 7Page - Tyco Electronics HF375 Datasheet HTML 8Page - Tyco Electronics HF375 Datasheet HTML 9Page - Tyco Electronics HF375 Datasheet HTML 10Page - Tyco Electronics HF375 Datasheet HTML 11Page - Tyco Electronics HF375 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
 of 1
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240 °C
180 °C
130 °C
100 °C
external preheating
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Recommended reflow soldering profile
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Time (s)
Recommended Soldering Conditions
Soldering conditions according IEC 60058-2-58 and IPC/JEDEC J-STD-020B
20 - 40 sec
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Time (s)
Resistance to soldering heat - Reflow profile


Similar Part No. - HF375

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3701 HONGFA-HF3701 Datasheet
82Kb / 4P
   SAFETY RELAY MODULE
HF3701 HONGFA-HF3701 Datasheet
82Kb / 4P
   SAFETY RELAY MODULE
HF3701/24-1H1D HONGFA-HF3701/24-1H1D Datasheet
82Kb / 4P
   SAFETY RELAY MODULE
HF3701/24-2H HONGFA-HF3701/24-2H Datasheet
82Kb / 4P
   SAFETY RELAY MODULE
HF3701/24-3H1D HONGFA-HF3701/24-3H1D Datasheet
82Kb / 4P
   SAFETY RELAY MODULE
More results

Similar Description - HF375

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com