Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH-106D2M Datasheet(PDF) 3 Page - Tyco Electronics

Part # PCH-106D2M
Description  Miniature Power PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCH-106D2M Datasheet(HTML) 3 Page - Tyco Electronics

  PCH-106D2M Datasheet HTML 1Page - Tyco Electronics PCH-106D2M Datasheet HTML 2Page - Tyco Electronics PCH-106D2M Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB Relay PCH (Continued)
Product Key
Version
Contact material
Contacts
Coil
Part number
PCH-105D2M
flux proof
AgSnO2
1 NO contact
5 VDC
1461350-2
PCH-106D2M
standard
6 VDC
1461350-3
PCH-109D2M
9 VDC
1461350-4
PCH-112D2M
12 VDC
1461350-5
PCH-124D2M
24 VDC
1461350-6
PCH-148D2M
48 VDC
1461350-7
PCH-105D2
1 CO contact
5 VDC
9-1440003-7
PCH-106D2
6 VDC
9-1440003-8
PCH-109D2
9 VDC
9-1440003-9
PCH-112D2
12 VDC
1440004-0
PCH-124D2
24 VDC
1440004-1
PCH-148D2
48 VDC
1461410-2
PCH-105L2M
flux proof
1 NO contact
5 VDC
1461352-2
PCH-106L2M
sensitive
6 VDC
1461352-3
PCH-109L2M
9 VDC
1461352-4
PCH-112L2M
12 VDC
1461352-5
PCH-124L2M
24 VDC
1461352-6
PCH-105D2M-WG
flux proof
5 VDC
1721767-2
PCH-106D2M-WG
standard
6 VDC
1721767-3
PCH-109D2M-WG
materials according
9 VDC
1721767-4
PCH-112D2M-WG
IEC 60335-1
12 VDC
1721767-5
PCH-124D2M-WG
24 VDC
1721767-6
PCH-148D2M-WG
48 VDC
1721767-7
PCH-105D2-WG
1 CO contact
5 VDC
1721766-2
PCH-106D2-WG
6 VDC
1721766-3
PCH-109D2-WG
9 VDC
1721766-4
PCH-112D2-WG
12 VDC
1721766-5
PCH-124D2-WG
24 VDC
1721766-6
PCH-148D2-WG
48 VDC
1721766-7
PCH-105L2M-WG
flux proof
1 NO contact
5 VDC
1721768-2
PCH-106L2M-WG
sensitive
6 VDC
1721768-3
PCH-109L2M-WG
materials according
9 VDC
1721768-4
PCH-112L2M-WG
IEC 60335-1
12 VDC
1721768-5
PCH-124L2M-WG
24 VDC
1721768-6
Product key
PC H - 1
2
-
Type
Version
1
1 pole
Coil
05
5VDC
12
12 VDC
06
6VDC
24
24 VDC
09
9VDC
48
48 VDC
Coil power
D
standard 400 mW
L
sensitive 200 mW (for NO contact only)
Contact material
2
AgSnO2
Contact configuration
Blank
1 CO contact
M
1 NO contact
Enclosure
Blank
flux proof
H
wash tight
Version
Blank
standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Other types on request


Similar Part No. - PCH-106D2M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCH-106D2M MACOM-PCH-106D2M Datasheet
134Kb / 3P
   Miniature Power PCB Relay PCH
More results

Similar Description - PCH-106D2M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com