Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PB114005 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. PB114005
Description  Miniature Power PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

PB114005 Datasheet(HTML) 2 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Miniature Power PCB Relay PB (Continued)
Insulation
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit CO version
W 3/4 mm
NO version
W 4/5 mm
Material group of insulation parts
IIIa
Tracking index of relay base
CTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230/400 V
Overvoltage category
III
Other data
PB1.., PB6..
PB5..
RoHS - Directive 2002/95/EC
compliant as per product date code 0346
Flammability class according to UL94
V-0
For version PB1, PB5: GWFI to IEC 60695-2-12
W 850°C
GWIT to IEC 60695-2-13
W 775°C
Ambient temperature range
-40...85°C
Operate- / release time
< 20 ms
Bounce time NO / NC contact
< 15 ms
Vibration resistance (function) NO / NC contact
>10/4g
>10/8g
30...400Hz
30...400Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb
Resistance to soldering heat
270°C / 10s
Relay weight
5.4 g
Packaging unit
35/1050 pcs
PCB layout 1) / terminal assignment
Bottom view on solder pins
Dimensions
S0407-AA
S0407-AB
S0406-A
S0407-AC
1) Layout note:
No openings (e.g. holes, slots, cutouts,
unused pins, open through connexions,
etc.) allowed under the relay base. The
relay base must be fully covered by the
pcb, recommended minimum distance
between the relay and the edge of the
printed circuit board is 5 mm.
For more information, please contact our
application support.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSRMiniature Power PCB Relay 1 2 3 Tyco Electronics
HF14FWMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF105F-5MINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF2110MINIATURE HIGH POWER RELAY 1 2 3 4 5 MoreHongfa Technology
RX114524CPower PCB Relay 1 2 3 4 Tyco Electronics
HF18FFMINIATURE INTERMEDIATE POWER RELAY 1 2 3 Hongfa Technology
HF115FMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF2160MINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF115F-AMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF116F-2MINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn