Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6A6K12 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SR6A6K12
Description  General Purpose Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6A6K12 Datasheet(HTML) 2 Page - Tyco Electronics

  SR6A6K12 Datasheet HTML 1Page - Tyco Electronics SR6A6K12 Datasheet HTML 2Page - Tyco Electronics SR6A6K12 Datasheet HTML 3Page - Tyco Electronics SR6A6K12 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Rev. FC1
Issued 2006/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Safety Relay SR6 (Continued)
PCB layout / terminal assignment
Bottom view
Dimensions
S0368-CA
S0368-CB
S0368-CC
S0367-DN
5 NO + 1 NC version
S0368-CD
4 NO+2 NC and 3 NO+3 NC versions
S0368-CE
Coil versions, 1200 mW, DC-coil
Coil
Rated
Operate
Release/Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
012
12
9.0
1.2
120+10%
1200
018
18
13.5
1.8
270+10%
1200
021
21
15.8
2.1
368+10%
1198
024
24
18.0
2.4
480+10%
1200
048
48
36.0
4.8
1920+10%
1200
110
110
82.5
11.0
10080+12%
1200
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Insulation resistance coil-contact circuit
> 100x106 Ohm
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
3000 Vrms
Clearance / creepage coil-contact circuit
W 5.5 / 5.5 mm
adjacent contact circuits
W 5.5 / 5.5 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
Insulation to EN 50178
Type of insulation coil-contact circuit
reinforced
adjacent contact circuits
reinforced
Other data
RoHS - Directive 2002/95/EC
compliant
Ambient temperature range
-25...+70°C
Vibration resistance (function) NO / NC contact
> 10 / 2.5 g, 10....200 Hz
Shock resistance (function) NO / NC contact
> 10 / 2.5 g, 16 ms half sine
Category of protection
RT III 1)
Resistance to soldering heat
260°C / 5 s
Relay weight
30 g
Packaging unit
10 pcs
1) please contact technical support for washing parameters
Accessories
PCB socket and hold down clip
contact technical support


Similar Part No. - SR6A6K12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6A6K12 MACOM-SR6A6K12 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6A6K12 MACOM-SR6A6K12 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
logo
TE Connectivity Ltd
SR6A6K12 TEC-SR6A6K12 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
More results

Similar Description - SR6A6K12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com