Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166-12GGL Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9166-12GGL
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166-12GGL Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9166-12GGL Datasheet HTML 1Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 2Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 3Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 4Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 5Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 6Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 7Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 8Page - Richtek Technology Corporation RT9166-12GGL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9166/A
2
DS9166/A-19 April 2008
www.richtek.com
Typical Application Circuit
Functional Pin Description
Function Block Diagram
Note: To prevent oscillation, a 1
μμμμμF minimum X7R or X5R dielectric is strongly recommended if ceramics are
used as input/output capacitors. When using the Y5V dielectric, the minimum value of the input/output
capacitance that can be used for stable over full operating temperature range is 3.3
μμμμμF. (see Application
Information Section for further details)
Pin Name
Pin Function
VIN
Supply Input
VOUT
Regulator Output
GND
Common Ground
VIN
GND
VOUT
RT9166/A
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
Current
Limiting
Sensor
Thermal
Shutdown
-
Error
Amplifier
1.2V
Reference
VIN
GND
VOUT
SOT-223
1
23
GND
(TAB)
VIN
VOUT
SOT-89 (L-Type)
12
3
GND
VIN
(TAB)
VOUT
23
1
GND
VIN
VOUT
TO-252
SOT-223 (L-Type)
1
2
3
GND
VIN
(TAB)
VOUT
12
3
GND
(TAB)
VIN
VOUT
SOT-89


Similar Part No. - RT9166-12GGL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-12GGL RICHTEK-RT9166-12GGL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-12GGL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com