Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-100200A25X50 Datasheet(PDF) 2 Page - Anaren Microwave

Part # RFP-100200A25X50
Description  Alumina Terminations 20 Watts, 50 ohm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-100200A25X50 Datasheet(HTML) 2 Page - Anaren Microwave

  RFP-100200A25X50 Datasheet HTML 1Page - Anaren Microwave RFP-100200A25X50 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model RFP-100200A25X50
Typical Performance
2
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Power Derating
Suggested Mounting Procedures
Available on Tape and Reel for Pick and Place Manufacturing.


Similar Part No. - RFP-100200A25X50

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-100200A25Z50 ANAREN-RFP-100200A25Z50 Datasheet
282Kb / 2P
   Surface Mount Termination 10 Watts, 50ohm
More results

Similar Description - RFP-100200A25X50

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250250A4X50 ANAREN-RFP-250250A4X50 Datasheet
531Kb / 2P
   Alumina Terminations 30 Watts, 50ohm
RFP-060120A15Z50 ANAREN-RFP-060120A15Z50 Datasheet
519Kb / 2P
   Alumina Terminations 8 Watts 50ohm
A5BXXXX1A ANAREN-A5BXXXX1A Datasheet
251Kb / 2P
   Chip Terminations 5 Watts
A5B50X1A ANAREN-A5B50X1A Datasheet
253Kb / 2P
   Chip Terminations 5 Watts
RFP-050060-15X50-2 ANAREN-RFP-050060-15X50-2 Datasheet
498Kb / 2P
   Chip Terminations 4 Watts, 50ohm
RFP-250250-4X50-2 ANAREN-RFP-250250-4X50-2 Datasheet
504Kb / 2P
   Chip Terminations 40 Watts, 50ohm
RFP-375375-6X50-2 ANAREN-RFP-375375-6X50-2 Datasheet
503Kb / 2P
   Chip Terminations 300 Watts, 50ohm
RFP-250375-4X50-2 ANAREN-RFP-250375-4X50-2 Datasheet
501Kb / 2P
   Chip Terminations 150 Watts, 50ohm
RFP-050100-1X50-2 ANAREN-RFP-050100-1X50-2 Datasheet
498Kb / 2P
   Chip Terminations 5 Watts, 50ohm
RFP-20-50TPP-S ANAREN-RFP-20-50TPP-S Datasheet
290Kb / 2P
   Flangeless Termination 20 Watts, 50
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com