Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9178-24GBR Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9178-24GBR
Description  200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9178-24GBR Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9178-24GBR Datasheet HTML 1Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 2Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 3Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 4Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 5Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 6Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 7Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 8Page - Richtek Technology Corporation RT9178-24GBR Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9178
5
DS9178-16 April 2008
www.richtek.com
Typical Operating Characteristics
Dropout Voltage vs. Load Current
0
0.05
0.1
0.15
0.2
0.25
0.3
0
25
50
75
100
125
150
175
200
Load Current (mA)
TJ = 25
° C
TJ = -35
° C
TJ = 125
° C
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
PSRR
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
TA = -35
°C
1mA
100mA
(°C)
PSRR
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
TA = 25
°C
1mA
100mA
Quiescent Current vs. Temperature
70
75
80
85
90
95
100
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
Output Voltage vs. Temperature
2.5
2.7
2.9
3.1
3.3
3.5
-35
-15
5
25
45
65
85
105
125
Temperature
VIN = 4V
CBP = 10nF
CIN = 1uF
COUT = 1uF
Line Transient Response
Time (500us/Div)
VIN = 3.2 to 3.8V
CBP = 10nF
3.8
3.2
20
0
-20
CIN = 1uF
COUT = 10uF


Similar Part No. - RT9178-24GBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9178-24GBR RICHTEK-RT9178-24GBR Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9178-24GBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com