Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY3DM Datasheet(PDF) 1 Page - Crystek Corporation

Part No. CY3DM
Description  Quartz Crystal Leaded HC49 Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CRYSTEKCRYSTAL [Crystek Corporation]
Homepage  http://www.crystekcrystals.com/crystal/default.asp
Logo 

CY3DM Datasheet(HTML) 1 Page - Crystek Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021008 Rev. D
Specifications subject to change without notice.
Leaded HC49 Crystal
CYxx Model
1MHz to 40MHz (fund)
40MHz to 100MHz (3rd O/T)
100MHz to 150MHz (5th O/T)
150MHz to 180MHz (7th O/T)
±50ppm (Standard p/n)
±10ppm to ±100ppm
±100ppm (Standard p/n)
±10ppm to ±100ppm
0°C to 70°C (Standard p/n)
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
7.0pF Max
100uW Typical
see table 1
Frequency Range:
Calibration Tolerance:
(Option)
Frequency Stability:
(Option)
Temperature Range:
(Option)
(Option)
Storage:
Shunt Capacitance:
Drive Level:
ESR:
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Freq. (MHz)
Max ESR
3.5 - 4.0
175
4.1 - 4.9
100
5.0 - 5.9
50
6.0 - 11.9
40
12.0 - 22.9
30
30.0 - 50.0
40
50.1 - 100.0
90
100.1 - 180.0
120
Resistance at series resonance
Table 1
Standard part numbers
Build Your Own P/N
0.530
(13.46)
Max
0.150
(3.81)
0.400
(10.16)
0.425
(10.80)
0.183
(4.65)
0.019
(0.48)
0.192 ±0.005
(4.88 ±0.13)
0.500
(12.70)
Min
CRYSTEK
FREQ
DC
Options: Vinyl Sleeve, Spacer, Top Lead, Clipped Leads
CY X X X X X - Freq
Example:
CY4F51S-20.000 = ±25ppm at 25°C, ±50ppm 0 to 70°C, 20pF Load Cap, Fundamental,
with Spacer, 20.000MHz
Mode
Frequency Tolerance
at 25°C
1 ±10 ppm
2 ±15 ppm
3 ±20 ppm
4 ±25 ppm
5 ±30 ppm
6 ±50 ppm
7 ±100 ppm
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
±10 ppm
±15 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
±15 ppm
±20 ppm
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
±30ppm
±50 ppm
±100 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
Frequency Stability
over Temp Range
Options
S Spacer
T Top Lead
(0.5 inch)
V Vinyl Sleeve
Load
Capacitance
1
2
3
4
5
6
7
8
Series
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
1
3
5
7
Fundamental 1-40 MHz
3rd Overtone 40-100 MHz
5th Overtone 100-150MHz
7th Overtone 150-180MHz
Part number
Freq. (MHz)
CL
Max ESR
CY1AM
1.000
series
3000
CD1AM
1.843200
13pF
700
CY2AM
2.000
series
500
CY2AP
2.000
20pF
500
CY2BM
2.457600
32pF
320
CY3GM
3.000
series
175
CY3DM
3.579545
18pF
175
CY3J
3.686400
series
175
CY3JM
3.686400
18pF
175
CY3JN
3.686400
20pF
175
CY3A
4.000
series
100
CY3AP
4.000
20pF
100
CY4F
4.096
20pF
100
CY4E
4.194304
12pF
75
CY4D
4.915200
series
75
CY7A
5.000
series
50
CY7AP
5.000
20pF
50
CY5B
5.068800
series
50
CY6B
6.000
series
40
CY6BP
6.000
20pF
40
CY6C
6.144
30pF
40
CY6CP
6.144
20pF
40
CY6G
6.400
20pF
40
CY7B
7.372800
series
30
CY7BP
7.372800
20pF
30
CY8G
8.000
series
30
CY8GP
8.000
20pF
30
CY8J
8.192
series
30
CY8JP
8.192
20pF
30
CY9B
9.830400
series
30
CY12A
10.000
series
30
CY11B
11.059200
series
30
CY11BP
11.059200
20pF
30
CY12B
12.000
series
30
CY12BP
12.000
20pF
30
CY14A
14.318180
series
30
CY14AC
14.318180
18pF
30
CY14AP
14.318180
20pF
30
CY14B
14.745600
series
30
CY14BP
14.745600
20pF
30
CY15A
15.000
series
30
CY16B
16.000
series
30
CY16BP
16.000
20pF
30
CY19A
18.000
series
30
CY19B
18.432
series
30
CY19BP
18.432
20pF
30
CY20A
19.660800
series
30
CY20AP
19.660800
20pF
30
CY22A
20.000
series
30
CY22AP
20.000
20pF
30
CY22B
22.118400
series
30
CY22BP
22.118400
20pF
30
CY24A
24.000
series
40
CY24AP
24.000
20pF
40
CY25A
25.000
series
40
CY27A
27.000
3RD
series
40
CY30B
32.000
3RD
series
40
CY36A
36.000
3RD
series
40
CY48A
48.000
3RD
series
40
CY100A
100.000
3RD
series
90
Aging:
<3ppm 1st/yr Max
38
Quartz Crystal
**Custom Designs Available
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn