Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C6801GAC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C1206C6801GAC
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C1206C6801GAC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C1206C6801GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C1206C6801GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Parameter
COG (NPO)
X7R
Z5U
Y5V
Temperature Characteristics:
Range ºC
–55 ºC to +125 ºC
–55 ºC to +125 ºC
+10 ºC to +85 ºC
–30 ºC to +85 ºC
Cap change without DC voltage
0±30 PPM/ºC
±15%
+22%, –56%
+22%, –82%
Aging Rate: % C / Decade Hour, Max.
0%
2.5%
5.0%
3.5% 0603; 7.0% 0805
Dissipation Factor:
Test conditions @ 25 ºC
>100 pF w/ 1.0 vrms @ 1 kHz w/ 1.0 vrms @ 1 kHz w/ 0.5 vrms @ 1 kHz w/ 1.0 vrms @ 1 kHz
≤100 pF w/ 1.0 vrms @ 1 MHz
Limits:
0.10% Max.
2.5% Max.
4.0% Max.
7.0% Max.
Insulation Resistance (IR):
After 2 min. electrification @ 25 ºC with rated voltage applied:
1000 megohms x µF
1000 megohms x µF 1000 megohms x µF
500 megohms x µF
or 100 gigaohms
or 100 gigaohms
or 10 gigaohms
or 10,000 megohms
Moisture Resistance: MIL-STD-202
Method 106 (20 cycles w / 50 V applied)
Post test limits @ 25 ºC, whichever is smaller
100 megohms x µF
100 megohms x µF 1000 megohms x µF
10 megohms x µF
or 10 gigaohms
or 10 gigaohms
or 1 gigaohm
or 1,000 megohms
Immersion Cycling: MIL-STD-202, Method 104, Condition B
(2 cycles @ 15 minutes each. Each cycle consists of immersion
in hot bath @ 65 ºC followed by immersion in cold salt water bath.)
Post test limits @ 25 ºC
100 megohms x µF
100 megohms x µF 1000 megohms x µF
10 megohms x µF
Insulation Resistance, whichever is smaller..
or 10 gigaohms
or 10 gigaohms
or 1 gigaohm
or 1,000 megohms
Life Test: 1000 Hrs
Test Potential and Temperature
200% V @ 125 ºC
200% V @ 125 ºC
150% V @ 85 ºC
200% V @ 85 ºC
Post test limits @ 25 ºC
Capacitance Change, whichever is greater
< 2% or 0.5 pF
±15% of initial value** ±30% of initial value** ±30% of initial value**
Dissipation Factor
0.25% Max.
0.25% Max.
5.0% Max.
7.0% Max.
Insulation Resistance, whichever is smaller..
100 megohms x µF
100 megohms x µF 100 megohms x µF
10 megohms x µF
or 10 gigaohms
or 10 gigaohms
or 1 gigaohm
or 1,000 megohms
Dielectric Strength 2.5 times rated voltage for 5 seconds with current limited to 50 mA
* 60 PPM/ ºC below 10 pF nominal
**X7R and Z5U dielectrics exhibit aging characteristics; therefore, it
+53 PPM –30 PPM/ºC from +25 ºC to –55 ºC comparable to MIL-C-20
is highly recommended that capacitors be de-aged for 2 hours at
+150 ºC and stabilized at room temperature for 48 hours before
capacitor measurements are made.
COG (NPO) Temperature Coefficient
Cap
Catalog Part Number 0402 Size Code
10 Vdc
16 Vdc
25 Vdc
50 Vdc
.50 pF C0402C508*8GAC# C0402C508*4GAC# C0402C508*3GAC# C0402C508*5GAC#
.75 pF C0402C758*8GAC# C0402C758*4GAC# C0402C758*3GAC# C0402C758*5GAC#
1.0 pF C0402C109*8GAC# C0402C109*4GAC# C0402C109*3GAC# C0402C109*5GAC#
1.2 pF C0402C129*8GAC# C0402C129*4GAC# C0402C129*3GAC# C0402C129*5GAC#
1.5 pF C0402C159*8GAC# C0402C159*4GAC# C0402C159*3GAC# C0402C159*5GAC#
1.8 pF C0402C189*8GAC# C0402C189*4GAC# C0402C189*3GAC# C0402C189*5GAC#
2.2 pF C0402C229*8GAC# C0402C229*4GAC# C0402C229*3GAC# C0402C229*5GAC#
2.7 pF C0402C279*8GAC# C0402C279*4GAC# C0402C279*3GAC# C0402C279*5GAC#
3.3 pF C0402C339*8GAC# C0402C339*4GAC# C0402C339*3GAC# C0402C339*5GAC#
3.9 pF C0402C399*8GAC# C0402C399*4GAC# C0402C399*3GAC# C0402C399*5GAC#
4.7 pF C0402C479*8GAC# C0402C479*4GAC# C0402C479*3GAC# C0402C479*5GAC#
5.6 pF C0402C569*8GAC# C0402C569*4GAC# C0402C569*3GAC# C0402C569*5GAC#
6.8 pF C0402C689*8GAC# C0402C689*4GAC# C0402C689*3GAC# C0402C689*5GAC#
8.2 pF C0402C829*8GAC# C0402C829*4GAC# C0402C829*3GAC# C0402C829*5GAC#
10 pF
C0402C100*8GAC# C0402C100*4GAC# C0402C100*3GAC# C0402C100*5GAC#
12 pF
C0402C120*8GAC# C0402C120*4GAC# C0402C120*3GAC# C0402C120*5GAC#
15 pF
C0402C150*8GAC# C0402C150*4GAC# C0402C150*3GAC# C0402C150*5GAC#
18 pF
C0402C180*8GAC# C0402C180*4GAC# C0402C180*3GAC# C0402C180*5GAC#
22 pF
C0402C220*8GAC# C0402C220*4GAC# C0402C220*3GAC# C0402C220*5GAC#
27 pF
C0402C270*8GAC# C0402C270*4GAC# C0402C270*3GAC# C0402C270*5GAC#
33 pF
C0402C330*8GAC# C0402C330*4GAC# C0402C330*3GAC# C0402C330*5GAC#
39 pF
C0402C390*8GAC# C0402C390*4GAC# C0402C390*3GAC# C0402C390*5GAC#
47 pF
C0402C470*8GAC# C0402C470*4GAC# C0402C470*3GAC# C0402C470*5GAC#
56 pF
C0402C560*8GAC# C0402C560*4GAC# C0402C560*3GAC# C0402C560*5GAC#
68 pF
C0402C680*8GAC# C0402C680*4GAC# C0402C680*3GAC# C0402C680*5GAC#
82 pF
C0402C820*8GAC# C0402C820*4GAC# C0402C820*3GAC#
100 pF
C0402C101*8GAC# C0402C101*4GAC# C0402C101*3GAC#
Ratings
* Insert proper letter code for desired tolerance:
±0.25 pF (C) is standard on values less than 10 pF
±5% (J) is standard on values ≥ 10 pF
Other Available tolerances:
Values less than 27 pF:
C = ±0.25 pF, D = ±0.5 pF
Values greater than 10 pF:
F = ±1%; G = ±2%;
H = ±2.5%
J = ±5%; K = ±10%; M = ±20%
^ Parts with caret (^) following catalog number are
2.500 pcs per reel
# Parts with (#) following catalog number are 10,000
pieces per reel.
All others are 4,000 pcs per reel
Cap
Catalog Part Number 0603 Size Code COG (NPO)
Cap
Catalog Part Number 0603 Size Code COG (NPO)
50 Vdc
100 Vdc
200 Vdc
50 Vdc
100 Vdc
200 Vdc
.50 pF C0603C508*5GAC
12 pF C0603C120*5GAC C0603C120*1GAC C0603C120*2GAC
.75 pF C0603C758*5GAC
15 pF C0603C150*5GAC C0603C150*1GAC C0603C150*2GAC
1.0 pF C0603C109*5GAC C0603C109*1GAC C0603C109*2GAC
18 pF C0603C180*5GAC C0603C180*1GAC C0603C180*2GAC
1.2 pF C0603C129*5GAC C0603C129*1GAC C0603C129*2GAC
22 pF C0603C220*5GAC C0603C220*1GAC C0603C220*2GAC
1.5 pF C0603C159*5GAC C0603C159*1GAC C0603C159*2GAC
27 pF C0603C270*5GAC C0603C270*1GAC C0603C270*2GAC
1.8 pF C0603C189*5GAC C0603C189*1GAC C0603C189*2GAC
33 pF C0603C330*5GAC C0603C330*1GAC C0603C330*2GAC
2.2 pF C0603C229*5GAC C0603C229*1GAC C0603C229*2GAC
39 pF C0603C390*5GAC C0603C390*1GAC C0603C390*2GAC
2.7 pF C0603C279*5GAC C0603C279*1GAC C0603C279*2GAC
47 pF C0603C470*5GAC C0603C470*1GAC C0603C470*2GAC
3.3 pF C0603C339*5GAC C0603C339*1GAC C0603C339*2GAC
56 pF C0603C560*5GAC C0603C560*1GAC C0603C560*2GAC
3.9 pF C0603C399*5GAC C0603C399*1GAC C0603C399*2GAC
68 pF C0603C680*5GAC C0603C680*1GAC C0603C680*2GAC
4.7 pF C0603C479*5GAC C0603C479*1GAC C0603C479*2GAC
82 pF C0603C820*5GAC C0603C820*1GAC C0603C820*2GAC
5.6 pF C0603C569*5GAC C0603C569*1GAC C0603C569*2GAC
100 pF C0603C101*5GAC C0603C101*1GAC
6.8 pF C0603C689*5GAC C0603C689*1GAC C0603C689*2GAC
120 pF C0603C121*5GAC C0603C121*1GAC
8.2 pF C0603C829*5GAC C0603C829*1GAC C0603C829*2GAC
150 pF C0603C151*5GAC C0603C151*1GAC
10 pF C0603C100*5GAC C0603C100*1GAC C0603C100*2GAC
180 pF C0603C181*5GAC C0603C181*1GAC
220 pF C0603C221*5GAC
RoHS Compliant


Similar Part No. - C1206C6801GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C680J1GACTU KEMET-C1206C680J1GACTU Datasheet
59Kb / 1P
   SMD Comm C0G, Ceramic, 68 pF, 5%, 100 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C680J5GACAUTO KEMET-C1206C680J5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 68 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1206C680J5GACTU KEMET-C1206C680J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 68 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C680JBGACTU KEMET-C1206C680JBGACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 68 pF
C1206C680JCGACTU KEMET-C1206C680JCGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 68 pF
More results

Similar Description - C1206C6801GAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com