Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-MC728-781.25 Datasheet(PDF) 3 Page - Fox Electronics

Part # FXO-MC728-781.25
Description  LVDS 7 x 5mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-MC728-781.25 Datasheet(HTML) 3 Page - Fox Electronics

  FXO-MC728-781.25 Datasheet HTML 1Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 2Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 3Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 4Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 5Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 6Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 7Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 8Page - Fox Electronics FXO-MC728-781.25 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FXO-LC72 Series
Page 3 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Electrical Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Frequency Range
FO
0.750 MHz to 1.0 GHz
Frequency Stability
1
100, 50, 25, & 20 ppm
Temperature Range
TO
TSTG
Standard operating
Optional operating
Storage
-20°C to +70°C
-40°C to +85°C
-55°C to +125°C
Supply Voltage
VDD
Standard
2.5 V ± 5%
Input Current (@ 100 Ohm LOAD)
IDD
0.75 ~ 20.000 MHz
20.000+ ~ 220.000 MHz
220.000+ ~ 630.000 MHz
630.000+ MHz ~ 1.000 GHz
26 mA
34 mA
44 mA
65 mA
Output Load
Differential
Standard
100 Ohms Typ.
Start-Up Time
TS
10 mS
Output Enable / Disable Time
100 nS
Moisture Sensitivity Level
MSL
JEDEC J-STD-20
1
Termination Finish
Au
Note 1 – Stability is inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
Absolute Maximum Ratings (Useful life may be impaired. For user guidelines only, not tested)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +5.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
150°C
ESD Sensitivity
HBM
Human Body Model
>1 kV


Similar Part No. - FXO-MC728-781.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-MC730-781.25 FOX-FXO-MC730-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC730R-781.25 FOX-FXO-MC730R-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC735-781.25 FOX-FXO-MC735-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC735R-781.25 FOX-FXO-MC735R-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC736-781.25 FOX-FXO-MC736-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-MC728-781.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
   LVDS 3.2 x 2.5mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com