Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-MC735-781.25 Datasheet(PDF) 4 Page - Fox Electronics

Part # FXO-MC735-781.25
Description  LVDS 7 x 5mm 3.3V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-MC735-781.25 Datasheet(HTML) 4 Page - Fox Electronics

  FXO-MC735-781.25 Datasheet HTML 1Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 2Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 3Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 4Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 5Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 6Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 7Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 8Page - Fox Electronics FXO-MC735-781.25 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FXO-LC73 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Note1
An optional PIN # 2 as Enable / Disable is available – see Model Selection Guide (page 2)
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Differential Output Voltage
VOD
0.75 MHz to 1.35 GHz
0.6V Typ.
Output Offset Voltage
VOS
Volts DC
1.3V Typ
Output Symmetry (See Drawing Below)
@ 50% VP-P Level
45% ~ 55%
Output Enable (PIN # 1) Voltage
Note1
VIH
> 70% VDD
Output Disable (PIN # 1) Voltage
Note1
VIL
< 30% VDD
Cycle Rise Time (See Drawing Below)
TR
20%~80%
400 pS
Cycle Fall Time (See Drawing Below)
TF
80%~20%
400 pS
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
OUTPUT 1
OUTPUT 2
50% VP-P
1/2 Period
Period
Oscillator Symmetry
Rise Time / Fall Time Measurements
OUTPUT 1
20% to 80%
OUTPUT 2
TR
TF
1.30V Typ.
50% VP-P
0.6V
Typ.
P-P


Similar Part No. - FXO-MC735-781.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-MC720-781.25 FOX-FXO-MC720-781.25 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
FXO-MC720R-781.25 FOX-FXO-MC720R-781.25 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
FXO-MC725-781.25 FOX-FXO-MC725-781.25 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
FXO-MC725R-781.25 FOX-FXO-MC725R-781.25 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
FXO-MC726-781.25 FOX-FXO-MC726-781.25 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
More results

Similar Description - FXO-MC735-781.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC735RGB-125 FOX-FXO-LC735RGB-125 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com