Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-QC735R-906 Datasheet(PDF) 3 Page - Fox Electronics

Part # FXO-QC735R-906
Description  LVPECL 7 x 5mm 3.3V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-QC735R-906 Datasheet(HTML) 3 Page - Fox Electronics

  FXO-QC735R-906 Datasheet HTML 1Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 2Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 3Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 4Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 5Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 6Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 7Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 8Page - Fox Electronics FXO-QC735R-906 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FXO-PC73 Series
Page 3 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Electrical Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Frequency Range
FO
0.750 MHz to 1.35 GHz
Frequency Stability
1
100, 50, 25, & 20 ppm
Temperature Range
TO
TSTG
Standard operating
Optional operating
Storage
-20°C to +70°C
-40°C to +85°C
-55°C to +125°C
Supply Voltage
VDD
Standard
3.3 V ± 5%
Input Current (@ Standard Load)
IDD
Standard Load
120 mA
Output Load
l
Standard
50 Ohms into VDD-2VDC. TYP.
Start-Up Time
TS
10 mS
Output Enable / Disable Time
100 nS
Moisture Sensitivity Level
MSL
JEDEC J-STD-20
1
Termination Finish
Au
Note 1 – Stability is inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
Absolute Maximum Ratings (Useful life may be impaired. For user guidelines only, not tested)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +5.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
150°C
ESD Sensitivity
HBM
Human Body Model
1 kV


Similar Part No. - FXO-QC735R-906

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-QC720-906 FOX-FXO-QC720-906 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
FXO-QC720R-906 FOX-FXO-QC720R-906 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
FXO-QC725-906 FOX-FXO-QC725-906 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
FXO-QC725R-906 FOX-FXO-QC725R-906 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
FXO-QC726-906 FOX-FXO-QC726-906 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
More results

Similar Description - FXO-QC735R-906

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
logo
EUROQUARTZ limited
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
   7 x 5mm Programmable LVPECL Oscillator
logo
Fox Electronics
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-PC735RGB-125 FOX-FXO-PC735RGB-125 Datasheet
208Kb / 2P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com