Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-MC728R-781.25 Datasheet(PDF) 2 Page - Fox Electronics

Part # FXO-MC728R-781.25
Description  LVDS 7 x 5mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-MC728R-781.25 Datasheet(HTML) 2 Page - Fox Electronics

  FXO-MC728R-781.25 Datasheet HTML 1Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 2Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 3Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 4Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 5Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 6Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 7Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 8Page - Fox Electronics FXO-MC728R-781.25 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FXO-LC72 Series
Page 2 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
This example, FXO-LC736R-781.25 = LVDS Output, Ceramic, 7 x 5mm Package, 2.5V,
±25 PPM Stability, -40 to +85°C Temperature Range, at 781.25 MHz
Model Selection Guide & Fox Part Number
7 7 1 – 7 8 1 . 2 5 – 1
The 1
st Field
Product Code #
767 = FXO–HC5
768 = FXO–HC7
770 = FXO–LC5
771 = FXO–LC7
773 = FXO–PC5
774 = FXO–PC7
The 2
nd Field
The Customer’s Frequency
The 3
rd Field
Fox Internally Generated Number
(If any specification changes,
the last digits change)
(The same specs for a different customer
also changes the last digits)
STEP #2: The Fox Customer Service team provides a customer specific Part Number
for use on their Bill Of Materials (BOM).
Fox Part Number (The assigned Fox Part Number must be on the BOM – not the above Model Description)
(This will ensure receipt of the proper part)
H = HCMOS
L = LVDS
P = LVPECL
M = LVDS (pin 2 E/D)
Q = LVPECL (pin 2 E/D)
X = HCMOS (comp 2nd Output)
0 = ± 100 PPM
5 = ± 50 PPM
6 = ± 25 PPM
8 = ± 20 PPM (-20 ~ +70°C)
5 = 5 x 3.2mm
7 = 7 x 5mm
C = Ceramic
Q = Quartz
blank = -20°C to +70°C
R = -40°C to +85°C
3 = 3.3 V
2 = 2.5 V
F X O – L C 7 2 6 R – 7 8 1 . 2 5 Frequency (in MHz)
Resolutions to 6 places
past the decimal point
STEP #1: Customer selects the Model Description and provides to Fox Customer Service
Model Description


Similar Part No. - FXO-MC728R-781.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-MC730-781.25 FOX-FXO-MC730-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC730R-781.25 FOX-FXO-MC730R-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC735-781.25 FOX-FXO-MC735-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC735R-781.25 FOX-FXO-MC735R-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-MC736-781.25 FOX-FXO-MC736-781.25 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-MC728R-781.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
   LVDS 3.2 x 2.5mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com