Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-HC738-06.25 Datasheet(PDF) 4 Page - Fox Electronics

Part # FXO-HC738-06.25
Description  HCMOS 7 x 5mm 3.3V Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC738-06.25 Datasheet(HTML) 4 Page - Fox Electronics

  FXO-HC738-06.25 Datasheet HTML 1Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 2Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 3Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 4Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 5Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 6Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 7Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 8Page - Fox Electronics FXO-HC738-06.25 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FXO-HC73 Series
Page 4 of 14
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Jitter is frequency dependent. Below are typical values at select frequencies.
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 3.3V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
62.5 MHz
0.93
2.8
pS RMS
106.25 MHz
0.86
3.2
pS RMS
125 MHz
0.75
2.7
pS RMS
156.25 MHz
0.77
3.3
pS RMS
Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
62.5 MHz
1.28
6.8
25.1 pS
106.25 MHz
1.28
8.4
26.6 pS
125 MHz
1.20
8.0
25.2 pS
156.25 MHz
1.27
8.6
26.6 pS
Phase Noise
10
-160dBc
-140dBc
-150dBc
-130dBc
-120dBc
-110dBc
-90dBc
-80dBc
-100dBc
-50dBc
-70dBc
-60dBc
-20dBc
-30dBc
-40dBc
0 dBc
-10dBc
Data Collected using HP 3048A
1M
100k
10k
100
1k
Offset Frequency
(10Hz to 40MHz)
40M
10M
106.25 MHz
62.5 MHz
156.25MHz
(dBc / Hz) vs. offset frequency
Phase Noise Graph
Three Frequencies from Jitter Tables
106.25 MHz
156.25MHz
62.5 MHz


Similar Part No. - FXO-HC738-06.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXO-HC738 ETC2-FXO-HC738 Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
FXO-HC738R ETC2-FXO-HC738R Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
More results

Similar Description - FXO-HC738-06.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
XOF91 EUROQUARTZ-XOF91 Datasheet
143Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
logo
Fox Electronics
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com