Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-HC728R-106.25 Datasheet(PDF) 3 Page - Fox Electronics

Part # FXO-HC728R-106.25
Description  HCMOS 7 x 5mm 2.5V Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC728R-106.25 Datasheet(HTML) 3 Page - Fox Electronics

  FXO-HC728R-106.25 Datasheet HTML 1Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 2Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 3Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 4Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 5Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 6Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 7Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 8Page - Fox Electronics FXO-HC728R-106.25 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FXO-HC72 Series
Page 3 of 14
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
If 30% to 70% times are used, Rise and Fall times change to 2 nS from 0.75 to 180MHz
If 20% to 80% times are used, Rise and Fall times change to 2.5 nS from 0.75 to 160MHz
Absolute Maximum Ratings (Useful life may be impaired. For user guidelines only, not tested)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +5.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
150°C
ESD Sensitivity
HBM
Human Body Model
> 1 kV
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Output LOW Voltage
VOL
0.75 to 160 MHz
160+ to 180 MHz
10% VDD
20% VDD
Output HIGH Voltage
VOH
0.75 to 160 MHz
160+ to 180 MHz
90% VDD MIN
80% VDD MIN
Output Symmetry (See Drawing Below)
@ 50% VDD Level
45% ~ 55%
Output Enable (PIN # 1) Voltage
VIH
> 70% VDD
Output Disable (PIN # 1) Voltage
VIL
< 30% VDD
Cycle Rise Time (See Drawing Below)
TR
0.75 to 160 MHz
160+ to 180 MHz
3.5 nS (10%~90%)
2.5 nS (20%~80%)
Cycle Fall Time (See Drawing Below)
TF
0.75 to 160 MHz
160+ to 180 MHz
3.5 nS (90%~10%)
2.5 nS (80%~20%)
20% to 80%
10% to 90%
0V to V
Rise Time
10% - 90%
90% - 10%
Fall Time
Times
80 - 20
50% V
On Time
Off Time
1/2 Period
Period
Ideally, Symmetry should be 50/50 -- Other expressions are 45/55 or 55/45
1/2 Period
Rise Time / Fall Time Measurements
Oscillator Symmetry
70 - 30
Times
30% to 70%
DD
DD


Similar Part No. - FXO-HC728R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC730 ETC2-FXO-HC730 Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC730-106.25 FOX-FXO-HC730-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC730R ETC2-FXO-HC730R Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC730R-106.25 FOX-FXO-HC730R-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-HC728R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
   HCMOS 7 x 5mm 2.5V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
XOF91 EUROQUARTZ-XOF91 Datasheet
143Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com