Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-LC53 Datasheet(PDF) 4 Page - Fox Electronics

Part # FXO-LC53
Description  LVDS 5 x 3.2mm 3.3V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-LC53 Datasheet(HTML) 4 Page - Fox Electronics

  FXO-LC53 Datasheet HTML 1Page - Fox Electronics FXO-LC53 Datasheet HTML 2Page - Fox Electronics FXO-LC53 Datasheet HTML 3Page - Fox Electronics FXO-LC53 Datasheet HTML 4Page - Fox Electronics FXO-LC53 Datasheet HTML 5Page - Fox Electronics FXO-LC53 Datasheet HTML 6Page - Fox Electronics FXO-LC53 Datasheet HTML 7Page - Fox Electronics FXO-LC53 Datasheet HTML 8Page - Fox Electronics FXO-LC53 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FXO-LC53 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Note1
An optional PIN # 2 as Enable / Disable is available – see Model Selection Guide (page 2)
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Differential Output Voltage
VOD
0.75 MHz to 1.35 GHz
0.6V Typ.
Output Offset Voltage
VOS
Volts DC
1.3V Typ.
Output Symmetry (See Drawing Below)
@ 50% VP-P Level
45% ~ 55%
Output Enable (PIN # 1) Voltage
Note1
VIH
> 70% VDD
Output Disable (PIN # 1) Voltage
Note1
VIL
< 30% VDD
Cycle Rise Time (See Drawing Below)
TR
20%~80%
400 pS
Cycle Fall Time (See Drawing Below)
TF
80%~20%
400 pS
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
OUTPUT 1
OUTPUT 2
50% VP-P
1/2 Period
Period
Oscillator Symmetry
Rise Time / Fall Time Measurements
OUTPUT 1
20% to 80%
OUTPUT 2
TR
TF
1.30V Typ.
50% VP-P
0.6V
Typ.
P-P


Similar Part No. - FXO-LC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC520-622.08 FOX-FXO-LC520-622.08 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC520R FOX-FXO-LC520R Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC520R-622.08 FOX-FXO-LC520R-622.08 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC525-622.08 FOX-FXO-LC525-622.08 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXO-LC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC51 FOX-FXU-LC51 Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com