Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-HC525R-106.25 Datasheet(PDF) 1 Page - Fox Electronics

Part # FXO-HC525R-106.25
Description  HCMOS 5 x 3.2mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC525R-106.25 Datasheet(HTML) 1 Page - Fox Electronics

  FXO-HC525R-106.25 Datasheet HTML 1Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 2Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 3Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 4Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 5Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 6Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 7Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 8Page - Fox Electronics FXO-HC525R-106.25 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Model: FXO-HC52 SERIES
Page 1 of 15
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
HCMOS 5 x 3.2mm 2.5V Oscillator
Freq: 0.75 MHz to 180MHz
Rev. 03/24/2008
Features
XTREMELY Low Jitter
Low Cost
XPRESS Delivery
Frequency Resolution to six decimal places
Stabilities to ± 20 PPM
-20 to +70°C or -40 to +85°C operating temperatures
Tri-State Enable / Disable Feature
Industry Standard Package, Footprint & Pin-Out
Fully RoHS compliant
Gold over Nickel Termination Finish
Serial ID with Comprehensive Traceability
Applications
• ANY application requiring an oscillator
• SONET
• Ethernet
• Storage Area Network
• Broadband Access
• Microprocessors / DSP / FPGA
• Industrial Controllers
• Test and Measurement Equipment
• Fiber Channel
Contents
page
Model Selection & Part Number Guide
2
Electrical Characteristic
3
Absolute Maximums
4
Output Wave Characteristics
4
Phase Noise
5
Jitter
5
Pin Assignment
6
Recommended Circuit
6
Reflow
6
Mechanical Drawing and Pad Layout
7
Tape and Reel Specification
8
Label
8
Traceability – LOT Number & Serial Identification
9
RoHS Material Declaration
10
SGS Report
11 & 12
Mechanical Test
13
Burn-In Test
13
MTTF / FITS calculations
14
Other XPRESSO Links
15
Fox Contact Information
15
Description
The Fox XPRESSO Crystal Oscillator is a
breakthrough in configurable Frequency Control
Solutions. XPRESSO utilizes a family of
proprietary ASICs, designed and developed by
Fox, with a key focus on noise reduction
technologies.
The 3
rd order Delta Sigma Modulator reduces
noise to the levels that are comparable to
traditional Bulk Quartz and SAW oscillators.
The ASICs family has ability to select the output
type, input voltages, and temperature
performance features.
With the XPRESS lead-time, low cost, low noise,
wide frequency range, excellent ambient
performance, XpressO is an excellent choice
over the conventional technologies.
Finished XPRESSO parts are 100% final tested.
OUTPUT
Enable / Disable
V
GND
DD
For more information -- Click on the drawing
PRESS
X
FOX
ASICs
O


Similar Part No. - FXO-HC525R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC53 ETC2-FXO-HC53 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC530-106.25 FOX-FXO-HC530-106.25 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC530R-106.25 FOX-FXO-HC530R-106.25 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC535-106.25 FOX-FXO-HC535-106.25 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
More results

Similar Description - FXO-HC525R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
   HCMOS 5 x 3.2mm 2.5V VCXO
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com